Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7809G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 8Page - Infineon Technologies AG TLE7809G Datasheet HTML 9Page - Infineon Technologies AG TLE7809G Datasheet HTML 10Page - Infineon Technologies AG TLE7809G Datasheet HTML 11Page - Infineon Technologies AG TLE7809G Datasheet HTML 12Page - Infineon Technologies AG TLE7809G Datasheet HTML 13Page - Infineon Technologies AG TLE7809G Datasheet HTML 14Page - Infineon Technologies AG TLE7809G Datasheet HTML 15Page - Infineon Technologies AG TLE7809G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
TLE7809G
Operating Modes
Data Sheet
12
Rev. 3.01, 2008-04-15
4.5
Power Saving Modes
4.5.1
SBC Sleep Mode
During SBC Sleep Mode (see Figure 6), the lowest power consumption is achieved, by having its main voltage
regulator switched-off. As the microcontroller cannot be supplied, the integrated window watchdog can be disabled
in Sleep Mode via a dedicated SPI control bit. However, it can be turned-on for periodically waking-up the system,
e.g. ECU, by generating a reset and automatically switching to SBC Standby Mode.
This mode is entered via SPI command, and turns-off the integrated LIN bus transceiver, main voltage regulator
as well as all switches. Upon a voltage level change at the monitoring / wake-up pins or by LIN message the SBC
Sleep Mode will be terminated and the SBC Standby Mode will automatically be entered (turning-on the LDO).
Note: Upon a wake-up via LIN message the (internal) RxD signal stays “low” until mode switch.
Note: If the Window Watchdog was not enabled in Sleep Mode the Window Watchdog starts after wake-up with a
“long open window” in SBC Standby Mode.
Note: In Sleep Mode with activated watchdog (see Table 2 “SPI Input Data Bits” on Page 20) the oscillator
remains turned on.
Figure 6
State Diagram “SBC Sleep Mode”
Start Up
Power Up
SBC Standby Mode
ON
Vcc
„single“ µController SPI -Command:
- select SBC Sleep Mode via SPI Mode Bits
- window watchdog activation / deactivation via SPI
[can remain active as periodic reset timer ]
SBC Active Mode
MS2
ON
Vcc
MS1
01
MS0
0 / 1
transition caused by :
- event at MONx inputs
- LIN message
[SPI indicates source]
SBC Sleep Mode
MS2
OFF
Vcc
MS1
10
MS0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com