Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7809G Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 44Page - Infineon Technologies AG TLE7809G Datasheet HTML 45Page - Infineon Technologies AG TLE7809G Datasheet HTML 46Page - Infineon Technologies AG TLE7809G Datasheet HTML 47Page - Infineon Technologies AG TLE7809G Datasheet HTML 48Page - Infineon Technologies AG TLE7809G Datasheet HTML 49Page - Infineon Technologies AG TLE7809G Datasheet HTML 50Page - Infineon Technologies AG TLE7809G Datasheet HTML 51Page - Infineon Technologies AG TLE7809G Datasheet HTML 52Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Data Sheet
49
Rev. 3.01, 2008-04-15
TLE7809G
Application Information
18.3
Flash Program Mode via LIN-Fast-Mode
For flash programming the transmission rate of the integrated LIN transceiver can be changed to maximum
115 kBaud via SPI command. A dedicated BROM routine of the XC866 takes care of periodically servicing the
watchdog during this LIN-Fast-Mode. Further details are available in the XC866 User’s Manual.
Figure 20
LIN Flash mode SPI command
18.4
Thermal Resistance
T
J = TA + (PD × RthJA)
(8)
•
T
J = Junction temperature [°C]
•
T
A = Ambient temperature [°C]
•
P
D = Total chip power dissipation [W]
•
P
INT = Chip internal power dissipation [W]
•
P
IO = Power dissipation caused by I/O currents [W]
•
R
thJA = Package thermal resistance [K/W]; junction-ambient
The total power dissipation can be calculated from:
P
D = PINT + PIO
(9)
15 14 13 12 11 10
8
9
7
6
5
4
3
2
0
1
Input Data
LSB
MSB
1
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
LIN FLASH mode on
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
LIN FLASH mode off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com