Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega32HVB Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATmega32HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32HVB Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATmega32HVB Datasheet HTML 5Page - ATMEL Corporation ATmega32HVB Datasheet HTML 6Page - ATMEL Corporation ATmega32HVB Datasheet HTML 7Page - ATMEL Corporation ATmega32HVB Datasheet HTML 8Page - ATMEL Corporation ATmega32HVB Datasheet HTML 9Page - ATMEL Corporation ATmega32HVB Datasheet HTML 10Page - ATMEL Corporation ATmega32HVB Datasheet HTML 11Page - ATMEL Corporation ATmega32HVB Datasheet HTML 12Page - ATMEL Corporation ATmega32HVB Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
8042A–AVR–07/09
ATmega16HVB/32HVB
4.
Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
(0xFF)
Reserved
–
–
–
–
–
–
–
–
(0xFE)
BPPLR
–
–
–
–
–
–
BPPLE
BPPL
138
(0xFD)
BPCR
–
–
EPID
SCD
DOCD
COCD
DHCD
CHCD
139
(0xFC)
BPHCTR
–
–
HCPT[5:0]
140
(0xFB)
BPOCTR
–
–
OCPT[5:0]
140
(0xFA)
BPSCTR
–
SCPT[6:0]
140
(0xF9)
BPCHCD
CHCDL[7:0]
143
(0xF8)
BPDHCD
DHCDL[7:0]
142
(0xF7)
BPCOCD
COCDL[7:0]
142
(0xF6)
BPDOCD
DOCDL[7:0]
141
(0xF5)
BPSCD
SCDL[7:0]
141
(0xF4)
Reserved
–
–
–
–
–
–
–
–
(0xF3)
BPIFR
–
–
–
SCIF
DOCIF
COCIF
DHCIF
CHCIF
144
(0xF2)
BPIMSK
–
–
–
SCIE
DOCIE
COCIE
DHCIE
CHCIE
143
(0xF1)
CBCR
–
–
–
–
CBE4
CBE3
CBE2
CBE1
151
(0xF0)
FCSR
–
–
–
–
DUVRD
CPS
DFE
CFE
148
(0xEF)
Reserved
–
–
–
–
–
–
–
–
(0xEE)
Reserved
–
–
–
–
–
–
–
–
(0xED)
Reserved
–
–
–
–
–
–
–
–
(0xEC)
Reserved
–
–
–
–
–
–
–
–
(0xEB)
Reserved
–
–
–
–
–
–
–
–
(0xEA)
CADRDC
CADRDC[7:0]
115
(0xE9)
CADRCC
CADRCC[7:0]
114
(0xE8)
CADCSRC
-
-
-
-
-
-
-
CADVSE
113
(0xE7)
CADCSRB
–
CADACIE
CADRCIE
CADICIE
–
CADACIF
CADRCIF
CADICIF
112
(0xE6)
CADCSRA
CADEN
CADPOL
CADUB
CADAS[1:0]
CADSI[1:0]
CADSE
111
(0xE5)
CADICH
CADIC[15:8]
113
(0xE4)
CADICL
CADIC[7:0]
113
(0xE3)
CADAC3
CADAC[31:24]
114
(0xE2)
CADAC2
CADAC[23:16]
114
(0xE1)
CADAC1
CADAC[15:8]
114
(0xE0)
CADAC0
CADAC[7:0]
114
(0xDF)
Reserved
–
–
–
–
–
–
–
–
(0xDE)
Reserved
–
–
–
–
–
–
–
–
(0xDD)
Reserved
–
–
–
–
–
–
–
–
(0xDC)
Reserved
–
–
–
–
–
–
–
–
(0xDB)
Reserved
–
–
–
–
–
–
–
–
(0xDA)
Reserved
–
–
–
–
–
–
–
–
(0xD9)
Reserved
–
–
–
–
–
–
–
–
(0xD8)
Reserved
–
–
–
–
–
–
–
–
(0xD7)
Reserved
–
–
–
–
–
–
–
–
(0xD6)
Reserved
–
–
–
–
–
–
–
–
(0xD5)
Reserved
–
–
–
–
–
–
–
–
(0xD4)
CHGDCSR
–
–
–
BATTPVL
CHGDISC1
CHGDISC1
CHGDIF
CHGDIE
129
(0xD3)
Reserved
–
–
–
–
–
–
–
–
(0xD2)
BGCSR
–
–BGD
BGSCDE
–
–
BGSCDIF
BGSCDIE
125
(0xD1)
BGCRR
BGCR[7:0]
124
(0xD0)
BGCCR
–
–
BGCC[5:0]
9
(0xCF)
Reserved
–
–
–
–
–
–
–
–
(0xCE)
Reserved
–
–
–
–
–
–
–
–
(0xCD)
Reserved
–
–
–
–
–
–
–
–
(0xCC)
Reserved
–
–
–
–
–
–
–
–
(0xCB)
Reserved
–
–
–
–
–
–
–
–
(0xCA)
Reserved
–
–
–
–
–
–
–
–
(0xC9)
Reserved
–
–
–
–
–
–
–
–
(0xC8)
ROCR
ROCS
–
–ROCD
–
–
ROCWIF
ROCWIE
132
(0xC7)
Reserved
–
–
–
–
–
–
–
–
(0xC6)
Reserved
–
–
–
–
–
–
–
–
(0xC5)
Reserved
–
–
–
–
–
–
–
–
(0xC4)
Reserved
–
–
–
–
–
–
–
–
(0xC3)
Reserved
–
–
–
–
–
–
–
–
(0xC2)
Reserved
–
–
–
–
–
–
–
–
(0xC1)
Reserved
–
–
–
–
–
–
–
–
(0xC0)
Reserved
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com