Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega32HVB Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATmega32HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32HVB Datasheet(HTML) 2 Page - ATMEL Corporation

  ATmega32HVB Datasheet HTML 1Page - ATMEL Corporation ATmega32HVB Datasheet HTML 2Page - ATMEL Corporation ATmega32HVB Datasheet HTML 3Page - ATMEL Corporation ATmega32HVB Datasheet HTML 4Page - ATMEL Corporation ATmega32HVB Datasheet HTML 5Page - ATMEL Corporation ATmega32HVB Datasheet HTML 6Page - ATMEL Corporation ATmega32HVB Datasheet HTML 7Page - ATMEL Corporation ATmega32HVB Datasheet HTML 8Page - ATMEL Corporation ATmega32HVB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
8042A–AVR–07/09
ATmega16HVB/32HVB
1.
Pin Configurations
1.1
TSSOP
Figure 1-1.
TSSOP - pinout ATmega16HVB/32HVB
1.2
Pin Descriptions
1.2.1
VFET
High voltage supply pin. This pin is used as supply for the internal voltage regulator, described in
”Voltage Regulator” on page 130.
1.2.2
VCC
Digital supply voltage. Normally connected to VREG.
1.2.3
VREG
Output from the internal Voltage Regulator. Used for external decoupling to ensure stable regu-
lator operation. For details, see ”Voltage Regulator” on page 130.
1
44
3
PI
PPI
NV
PV1
PV2
PV3
PV4
PVT
VCC
GND
PC5
PC4(SCL)
PC3(INT3/SDA)
PC2(INT2)
PC1(INT1)
PC0(INT0/EXTPROT)
PB7(MISO/PCINT11)
NC
PB6(MOSI/PCINT10)
PB5(SCK/PCINT9)
PB4(SS/PCINT8)
PB3(PCINT7)
2
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NI
NNI
VREFGND
VREF
GND
VREG
PA0(ADC0/SGND/PCINT0)
PA1(ADC1/SGND/PCINT1)
PA2(PCINT2/T0)
PA3(PCINT3/T1)
VCLMP10
VFET
BATT
VCC
GND
OD
NC
OC
RESET/dw
PB0(PCINT4/ICP00)
PB1(PCINT5/CKOUT)
PB2(PCINT6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com