Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega32HVB Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATmega32HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32HVB Datasheet(HTML) 4 Page - ATMEL Corporation

  ATmega32HVB Datasheet HTML 1Page - ATMEL Corporation ATmega32HVB Datasheet HTML 2Page - ATMEL Corporation ATmega32HVB Datasheet HTML 3Page - ATMEL Corporation ATmega32HVB Datasheet HTML 4Page - ATMEL Corporation ATmega32HVB Datasheet HTML 5Page - ATMEL Corporation ATmega32HVB Datasheet HTML 6Page - ATMEL Corporation ATmega32HVB Datasheet HTML 7Page - ATMEL Corporation ATmega32HVB Datasheet HTML 8Page - ATMEL Corporation ATmega32HVB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
8042A–AVR–07/09
ATmega16HVB/32HVB
1.2.13
PPI/NNI
Unfiltered positive/negative input from external current sense resistor, used by the battery pro-
tection circuit, for over-current and short-circuit detection. For details, see ”Battery Protection” on
page 133.
1.2.14
NV/PV1/PV2/PV3/PV4
NV, PV1, PV2, PV3, and PV4 are the inputs for battery cells 1, 2, 3 and 4, used by the Voltage
ADC to measure each cell voltage. For details, see ”Voltage ADC – 7-channel General Purpose
12-bit Sigma-Delta ADC” on page 116.
1.2.15
PVT
Defines the source voltage level for the Charge FET driver. For details, see ”FET Driver” on
page 145.
1.2.16
BATT
Input for detecting when a charger is connected. Defines the source voltage level for the Dis-
charge FET driver. For details, see ”FET Driver” on page 145.
1.2.17
RESET/dw
Reset input. A low level on this pin for longer than the minimum pulse length will generate a
reset, even if the clock is not running. The minimum pulse length is given in Table 11 on page
38. Shorter pulses are not guaranteed to generate a reset. This pin is also used as debugWIRE
communication pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com