Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega32HVB Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATmega32HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32HVB Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATmega32HVB Datasheet HTML 8Page - ATMEL Corporation ATmega32HVB Datasheet HTML 9Page - ATMEL Corporation ATmega32HVB Datasheet HTML 10Page - ATMEL Corporation ATmega32HVB Datasheet HTML 11Page - ATMEL Corporation ATmega32HVB Datasheet HTML 12Page - ATMEL Corporation ATmega32HVB Datasheet HTML 13Page - ATMEL Corporation ATmega32HVB Datasheet HTML 14Page - ATMEL Corporation ATmega32HVB Datasheet HTML 15Page - ATMEL Corporation ATmega32HVB Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
8042A–AVR–07/09
ATmega16HVB/32HVB
Notes:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses
should never be written.
2. I/O registers within the address range $00 - $1F are directly bit-accessible using the SBI and CBI instructions. In these reg-
isters, the value of single bits can be checked by using the SBIS and SBIC instructions.
3. Some of the status flags are cleared by writing a logical one to them. Note that the CBI and SBI instructions will operate on
all bits in the I/O register, writing a one back into any flag read as set, thus clearing the flag. The CBI and SBI instructions
work with registers 0x00 to 0x1F only.
4. When using the I/O specific commands IN and OUT, the I/O addresses $00 - $3F must be used. When addressing I/O regis-
ters as data space using LD and ST instructions, $20 must be added to these addresses. The ATmega16HVB/32HVB is a
complex microcontroller with more peripheral units than can be supported within the 64 location reserved in Opcode for the
IN and OUT instructions. For the Extended I/O space from $60 - $FF in SRAM, only the ST/STS/STD and LD/LDS/LDD
instructions can be used.
0x1B (0x3B)
PCIFR
–
–
–
–
–
–PCIF1
PCIF0
60
0x1A (0x3A)
Reserved
–
–
–
–
–
–
–
–
0x19 (0x39)
Reserved
–
–
–
–
–
–
–
–
0x18 (0x38)
Reserved
–
–
–
–
–
–
–
–
0x17 (0x37)
OSICSR
–
–
–
OSISEL0
–
–
OSIST
OSIEN
33
0x16 (0x36)
TIFR1
–
–
–
–
ICF1
OCF1B
OCF1A
TOV1
96
0x15 (0x35)
TIFR0
–
–
–
–
ICF0
OCF0B
OCF0A
TOV0
96
0x14 (0x34)
Reserved
–
–
–
–
–
–
–
–
0x13 (0x33)
Reserved
–
–
–
–
–
–
–
–
0x12 (0x32)
Reserved
–
–
–
–
–
–
–
–
0x11 (0x31)
Reserved
–
–
–
–
–
–
–
–
0x10 (0x30)
Reserved
–
–
–
–
–
–
–
–
0x0F (0x2F)
Reserved
–
–
–
–
–
–
–
–
0x0E (0x2E)
Reserved
–
–
–
–
–
–
–
–
0x0D (0x2D)
Reserved
–
–
–
–
–
–
–
–
0x0C (0x2C)
Reserved
–
–
–
–
–
–
–
–
0x0B (0x2B)
Reserved
–
–
–
–
–
–
–
–
0x0A (0x2A)
Reserved
–
–
–
–
–
–
–
–
0x09 (0x29)
Reserved
–
–
–
–
–
–
–
–
0x08 (0x28)
PORTC
–
–
PORTC5
PORTC4
PORTC3
PORTC2
PORTC1
PORTC0
66
0x07 (0x27)
Reserved
–
–
–
–
–
–
–
–
0x06 (0x26)
PINC
–
–
–
PINC4
PINC3
PINC2
PINC1
PINC0
66
0x05 (0x25)
PORTB
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
78
0x04 (0x24)
DDRB
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
78
0x03 (0x23)
PINB
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
78
0x02 (0x22)
PORTA
–
–
–
–
PORTA3
PORTA2
PORTA1
PORTA0
78
0x01 (0x21)
DDRA
–
–
–
–
DDA3
DDA2
DDA1
DDA0
78
0x00 (0x20)
PINA
–
–
–
–
PINA3
PINA2
PINA1
PINA0
78
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com