Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega32HVB Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATmega32HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega32HVB Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATmega32HVB Datasheet HTML 6Page - ATMEL Corporation ATmega32HVB Datasheet HTML 7Page - ATMEL Corporation ATmega32HVB Datasheet HTML 8Page - ATMEL Corporation ATmega32HVB Datasheet HTML 9Page - ATMEL Corporation ATmega32HVB Datasheet HTML 10Page - ATMEL Corporation ATmega32HVB Datasheet HTML 11Page - ATMEL Corporation ATmega32HVB Datasheet HTML 12Page - ATMEL Corporation ATmega32HVB Datasheet HTML 13Page - ATMEL Corporation ATmega32HVB Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
8042A–AVR–07/09
ATmega16HVB/32HVB
(0xBF)
Reserved
–
–
–
–
–
–
–
–
(0xBE)
TWBCSR
TWBCIF
TWBCIE
–
–
–
TWBDT1
TWBDT0
TWBCIP
183
(0xBD)
TWAMR
TWAM[6:0]
–183
(0xBC)
TWCR
TWINT
TWEA
TWSTA
TWSTO
TWWC
TWEN
–TWIE
180
(0xBB)
TWDR
2–wire Serial Interface Data Register
182
(0xBA)
TWAR
TWA[6:0]
TWGCE
182
(0xB9)
TWSR
TWS[7:3]
–TWPS1
TWPS0
181
(0xB8)
TWBR
2–wire Serial Interface Bit Rate Register
180
(0xB7)
Reserved
–
–
–
–
–
–
–
(0xB6)
Reserved
–
–
–
–
–
–
–
–
(0xB5)
Reserved
–
–
–
–
–
–
–
–
(0xB4)
Reserved
–
–
–
–
–
–
–
–
(0xB3)
Reserved
–
–
–
–
–
–
–
–
(0xB2)
Reserved
–
–
–
–
–
–
–
–
(0xB1)
Reserved
–
–
–
–
–
–
–
–
(0xB0)
Reserved
–
–
–
–
–
–
–
–
(0xAF)
Reserved
–
–
–
–
–
–
–
–
(0xAE)
Reserved
–
–
–
–
–
–
–
–
(0xAD)
Reserved
–
–
–
–
–
–
–
–
(0xAC)
Reserved
–
–
–
–
–
–
–
–
(0xAB)
Reserved
–
–
–
–
–
–
–
–
(0xAA)
Reserved
–
–
–
–
–
–
–
–
(0xA9)
Reserved
–
–
–
–
–
–
–
–
(0xA8)
Reserved
–
–
–
–
–
–
–
–
(0xA7)
Reserved
–
–
–
–
–
–
–
–
(0xA6)
Reserved
–
–
–
–
–
–
–
–
(0xA5)
Reserved
–
–
–
–
–
–
–
–
(0xA4)
Reserved
–
–
–
–
–
–
–
–
(0xA3)
Reserved
–
–
–
–
–
–
–
–
(0xA2)
Reserved
–
–
–
–
–
–
–
–
(0xA1)
Reserved
–
–
–
–
–
–
–
–
(0xA0)
Reserved
–
–
–
–
–
–
–
–
(0x9F)
Reserved
–
–
–
–
–
–
–
–
(0x9E)
Reserved
–
–
–
–
–
–
–
–
(0x9D)
Reserved
–
–
–
–
–
–
–
–
(0x9C)
Reserved
–
–
–
–
–
–
–
–
(0x9B)
Reserved
–
–
–
–
–
–
–
–
(0x9A)
Reserved
–
–
–
–
–
–
–
–
(0x99)
Reserved
–
–
–
–
–
–
–
–
(0x98)
Reserved
–
–
–
–
–
–
–
–
(0x97)
Reserved
–
–
–
–
–
–
–
–
(0x96)
Reserved
–
–
–
–
–
–
–
–
(0x95)
Reserved
–
–
–
–
–
–
–
–
(0x94)
Reserved
–
–
–
–
–
–
–
–
(0x93)
Reserved
–
–
–
–
–
–
–
–
(0x92)
Reserved
–
–
–
–
–
–
–
–
(0x91)
Reserved
–
–
–
–
–
–
–
–
(0x90)
Reserved
–
–
–
–
–
–
–
–
(0x8F)
Reserved
–
–
–
–
–
–
–
–
(0x8E)
Reserved
–
–
–
–
–
–
–
–
(0x8D)
Reserved
–
–
–
–
–
–
–
–
(0x8C)
Reserved
–
–
–
–
–
–
–
–
(0x8B)
Reserved
–
–
–
–
–
–
–
–
(0x8A)
Reserved
–
–
–
–
–
–
–
–
(0x89)
OCR1B
Timer/Counter1 – Output Compare Register B
95
(0x88)
OCR1A
Timer/Counter1 – Output Compare Register A
95
(0x87)
Reserved
–
–
–
–
–
–
–
–
(0x86)
Reserved
–
–
–
–
–
–
–
–
(0x85)
TCNT1H
Timer/Counter1 (8 Bit) High Byte
95
(0x84)
TCNT1L
Timer/Counter1 (8 Bit) Low Byte
95
(0x83)
Reserved
–
–
–
–
–
–
–
–
(0x82)
Reserved
–
–
–
–
–
–
–
–
(0x81)
TCCR1B
–
–
–
–
–
CS12
CS11
CS10
81
(0x80)
TCCR1A
TCW1
ICEN1
ICNC1
ICES1
ICS1
–
–WGM10
94
(0x7F)
Reserved
–
–
–
–
–
–
–
–
(0x7E)
DIDR0
–
–
–
–
–
–
PA1DID
PA0DID
121
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com