Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16U4 Datasheet(PDF) 86 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 82Page - ATMEL Corporation ATmega16U4 Datasheet HTML 83Page - ATMEL Corporation ATmega16U4 Datasheet HTML 84Page - ATMEL Corporation ATmega16U4 Datasheet HTML 85Page - ATMEL Corporation ATmega16U4 Datasheet HTML 86Page - ATMEL Corporation ATmega16U4 Datasheet HTML 87Page - ATMEL Corporation ATmega16U4 Datasheet HTML 88Page - ATMEL Corporation ATmega16U4 Datasheet HTML 89Page - ATMEL Corporation ATmega16U4 Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 408 page
background image
86
7766D–AVR–01/09
ATmega16U4/ATmega32U4
• Bit 3..0 – Res: Reserved Bits
These bits are reserved bits in the ATmega16U4/ATmega32U4 and always read as zero.
11.0.3
External Interrupt Mask Register – EIMSK
• Bits 7..0 – INT6, INT3 – INT0: External Interrupt Request 6, 3 - 0 Enable
When an INT[6;3:0] bit is written to one and the I-bit in the Status Register (SREG) is set (one),
the corresponding external pin interrupt is enabled. The Interrupt Sense Control bits in the Exter-
nal Interrupt Control Registers – EICRA and EICRB – defines whether the external interrupt is
activated on rising or falling edge or level sensed. Activity on any of these pins will trigger an
interrupt request even if the pin is enabled as an output. This provides a way of generating a
software interrupt.
11.0.4
External Interrupt Flag Register – EIFR
• Bits 7..0 – INTF6, INTF3 - INTF0: External Interrupt Flags 6, 3 - 0
When an edge or logic change on the INT[6;3:0] pin triggers an interrupt request, INTF7:0
becomes set (one). If the I-bit in SREG and the corresponding interrupt enable bit, INT[6;3:0] in
EIMSK, are set (one), the MCU will jump to the interrupt vector. The flag is cleared when the
interrupt routine is executed. Alternatively, the flag can be cleared by writing a logical one to it.
These flags are always cleared when INT[6;3:0] are configured as level interrupt. Note that when
entering sleep mode with the INT3:0 interrupts disabled, the input buffers on these pins will be
disabled. This may cause a logic change in internal signals which will set the INTF3:0 flags. See
“Digital Input Enable and Sleep Modes” on page 68 for more information.
11.0.5
Pin Change Interrupt Control Register - PCICR
• Bit 0 – PCIE0: Pin Change Interrupt Enable 0
When the PCIE0 bit is set (one) and the I-bit in the Status Register (SREG) is set (one), pin
change interrupt 0 is enabled. Any change on any enabled PCINT7..0 pin will cause an interrupt.
The corresponding interrupt of Pin Change Interrupt Request is executed from the PCI0 Interrupt
Vector. PCINT7..0 pins are enabled individually by the PCMSK0 Register.
11.0.6
Pin Change Interrupt Flag Register – PCIFR
Bit
7654
32
1
0
-
INT6
-
-
INT3
INT2
INT1
IINT0
EIMSK
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
00
0
0
Bit
7654
32
1
0
-
INTF6
-
-
INTF3
INTF2
INTF1
IINTF0
EIFR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
00
0
0
Bit
7
65
43
21
0
–
–
–
–
–PCIE0
PCICR
Read/Write
RR
RR
RR
RR/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
–
–
–
–
–PCIF0
PCIFR
Read/Write
RR
RR
RR
RR/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com