Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16U4 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 48Page - ATMEL Corporation ATmega16U4 Datasheet HTML 49Page - ATMEL Corporation ATmega16U4 Datasheet HTML 50Page - ATMEL Corporation ATmega16U4 Datasheet HTML 51Page - ATMEL Corporation ATmega16U4 Datasheet HTML 52Page - ATMEL Corporation ATmega16U4 Datasheet HTML 53Page - ATMEL Corporation ATmega16U4 Datasheet HTML 54Page - ATMEL Corporation ATmega16U4 Datasheet HTML 55Page - ATMEL Corporation ATmega16U4 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 408 page
background image
52
7766D–AVR–01/09
ATmega16U4/ATmega32U4
8.0.6
Watchdog Reset
When the Watchdog times out, it will generate a short reset pulse of one CK cycle duration. On
the falling edge of this pulse, the delay timer starts counting the Time-out period t
TOUT. Refer to
page 54 for details on operation of the Watchdog Timer.
Figure 8-6.
Watchdog Reset During Operation
8.0.7
USB Reset
When the USB controller is enabled and configured with the USB Reset CPU feature enabled
and if a valid USB Reset signalling is detected on the bus, the CPU core is reset but the USB
controller remains enabled and attached. This feature may be used to enhance device reliability.
Figure 8-7.
USB Reset During Operation
8.0.8
MCU Status Register – MCUSR
The MCU Status Register provides information on which reset source caused an MCU reset.
• Bit 7..6 - Reserved
These bits are reserved and should be read as 0. Do not set these bits.
CK
CC
CC
USB Traffic
USB Traffic
DP
DM
t
USBRSTMIN
End of Reset
Bit
765
43
210
–
–
USBRF
JTRF
WDRF
BORF
EXTRF
PORF
MCUSR
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
See Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com