Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16U4 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 29Page - ATMEL Corporation ATmega16U4 Datasheet HTML 30Page - ATMEL Corporation ATmega16U4 Datasheet HTML 31Page - ATMEL Corporation ATmega16U4 Datasheet HTML 32Page - ATMEL Corporation ATmega16U4 Datasheet HTML 33Page - ATMEL Corporation ATmega16U4 Datasheet HTML 34Page - ATMEL Corporation ATmega16U4 Datasheet HTML 35Page - ATMEL Corporation ATmega16U4 Datasheet HTML 36Page - ATMEL Corporation ATmega16U4 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 408 page
background image
33
7766D–AVR–01/09
ATmega16U4/ATmega32U4
tion range is +/- 40% and linear (calibration step ~0.4%). With typical process at 25°C the code
should be 127 for 8 MHz. Input value of 0x00 gives the lowest frequency, and 0xFF the highest.
The temperature sensitivity is quite linear but as said previously depends on the process. To
determine its slope, the frequency must be measured at two temperatures. The temperature
sensor of the ATmega16U4/ATmega32U4 allows such an operation, that is detailed on Section
24.6.1 ”Sensor Calibration” on page 301. It is then possible to calibrate the oscillator frequency
in function of the temperature measured.
Note that this oscillator is used to time EEPROM and Flash write accesses, and these write
times will be affected accordingly. If the EEPROM or Flash are written, do not calibrate to more
than 8.8 MHz. Otherwise, the EEPROM or Flash write may fail.
6.5.2
Oscillator Control Register – RCCTRL
Bits 7..1 – Reserved
Do not set these bits. Bits should be read as ‘0’.
Bit 0– RCFREQ: RC Oscillator Frequency Select
When this bit is cleared (default value), the RC Oscillator output frequency is set to 8 MHz.
When the bit is set, the RC output frequency is 1 MHz. Note that the OSCCAL value has the
same effect on both 8 MHz and 1 MHz output modes (~0.4% / step).
6.6
External Clock
The device can utilize a external clock source as shown in Figure 6-3. To run the device on an
external clock, the CKSEL Fuses must be programmed as shown in Table 6-1.
Figure 6-3.
External Clock Drive Configuration
When this clock source is selected, start-up times are determined by the SUT Fuses as shown in
Table 6-9.
Bit
7654
32
1
0
----
--
-
RCFREQ
RCCTRL
Read/Write
RRRR
RR
R
R/W
Initial Value
0000
00
0
0
NC
EXTERNAL
CLOCK
SIGNAL
XTAL2
XTAL1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com