Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16U4 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 37Page - ATMEL Corporation ATmega16U4 Datasheet HTML 38Page - ATMEL Corporation ATmega16U4 Datasheet HTML 39Page - ATMEL Corporation ATmega16U4 Datasheet HTML 40Page - ATMEL Corporation ATmega16U4 Datasheet HTML 41Page - ATMEL Corporation ATmega16U4 Datasheet HTML 42Page - ATMEL Corporation ATmega16U4 Datasheet HTML 43Page - ATMEL Corporation ATmega16U4 Datasheet HTML 44Page - ATMEL Corporation ATmega16U4 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 408 page
background image
41
7766D–AVR–01/09
ATmega16U4/ATmega32U4
Figure 6-5.
PLL Postcaler operation with division factor = 1.5
• Bit 3..0 – PDIV3:0 PLL Lock Frequency
These bits configure the PLL internal VCO clock reference according to the required output fre-
quency value.
• The optimal PLL configuration at 5V is: PLL output frequency = 96 MHz, divided by 1.5
to generate the 64 MHz High Speed Timer clock, and divided by 2 to generate the 48
MHz USB clock.
PDIV3
PDIV2
PDIV1
PDIV0
PLL Output Frequency
0
0
0
0
Not allowed
0
0
0
1
Not allowed
00
1
0
32 MHz
00
1
1
40 MHz
01
0
0
48 MHz
01
0
1
56 MHz
01
1
0
64 MHz
01
1
1
72 MHz
10
0
0
80 MHz
10
0
1
88 MHz
10
1
0
96 MHz
1
0
1
1
Not allowed
1
1
0
0
Not allowed
1
1
0
1
Not allowed
1
1
1
0
Not allowed
1
1
1
1
Not allowed
Fi
Fi x ---
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com