Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16U4 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATmega16U4
Description  8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U4 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATmega16U4 Datasheet HTML 14Page - ATMEL Corporation ATmega16U4 Datasheet HTML 15Page - ATMEL Corporation ATmega16U4 Datasheet HTML 16Page - ATMEL Corporation ATmega16U4 Datasheet HTML 17Page - ATMEL Corporation ATmega16U4 Datasheet HTML 18Page - ATMEL Corporation ATmega16U4 Datasheet HTML 19Page - ATMEL Corporation ATmega16U4 Datasheet HTML 20Page - ATMEL Corporation ATmega16U4 Datasheet HTML 21Page - ATMEL Corporation ATmega16U4 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 408 page
background image
18
7766D–AVR–01/09
ATmega16U4/ATmega32U4
5.
AVR ATmega16U4/ATmega32U4 Memories
This section describes the different memories in the ATmega16U4/ATmega32U4. The AVR
architecture has two main memory spaces, the Data Memory and the Program Memory space.
In addition, the ATmega16U4/ATmega32U4 features an EEPROM Memory for data storage. All
three memory spaces are linear and regular.
Notes:
1. Byte address.
2. Word (16-bit) address.
5.1
In-System Reprogrammable Flash Program Memory
The ATmega16U4/ATmega32U4 contains 16/32K bytes On-chip In-System Reprogrammable
Flash memory for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash
is organized as 16K x 16. For software security, the Flash Program memory space is divided into
two sections, Boot Program section and Application Program section.
The Flash memory has an endurance of at least 100,000 write/erase cycles. The
ATmega16U4/ATmega32U4 Program Counter (PC) is 16 bits wide, thus addressing the 32K
program memory locations. The operation of Boot Program section and associated Boot Lock
bits for software protection are described in detail in “Memory Programming” on page 348.
Table 5-1.
Memory Mapping.
Memory
Mnemonic
ATmega32U4
ATmega16U4
Flash
Size
Flash size
32K bytes
16K bytes
Start Address
-
0x0000
End Address
Flash end
0x7FFF(1)
0x3FFF(2)
0x3FFF(1)
0x1FFF(2)
32
Registers
Size
-
32 bytes
32 bytes
Start Address
-
0x0000
0x0000
End Address
-
0x001F
0x001F
I/O
Registers
Size
-
64 bytes
64 bytes
Start Address
-
0x0020
0x0020
End Address
-
0x005F
0x005F
Ext I/O
Registers
Size
-
160 bytes
160 bytes
Start Address
-
0x0060
0x0060
End Address
-
0x00FF
0x00FF
Internal
SRAM
Size
ISRAM size
2,5K bytes
1.25K bytes
Start Address
ISRAM start
0x100
0x100
End Address
ISRAM end
0x0AFF
0x05FF
External
Memory
Not Present.
EEPROM
Size
E2 size
1K bytes
512 bytes
End Address
E2 end
0x03FF
0x01FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com