Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESXZ Datasheet(PDF) 63 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 59Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 60Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 61Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 62Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 63Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 64Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 65Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 66Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 227 page
background image
63
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
12.3.1
Alternate Functions of Port B
The Port B pins with alternate function are shown in Table 12-3.
The alternate pin configuration is as follows:
• Port B, Bit 7 - RESET/ dW/ ADC10/ PCINT15
RESET, Reset pin: When the RSTDISBL Fuse is programmed, this pin functions as a normal I/O
pin, and the part will have to rely on Power-on Reset and Brown-out Reset as its reset sources.
When the RSTDISBL Fuse is unprogrammed, the reset circuitry is connected to the pin, and the
pin can not be used as an I/O pin.
If PB7 is used as a reset pin, DDB7, PORTB7 and PINB7 will all read 0.
dW: When the debugWIRE Enable (DWEN) Fuse is programmed and Lock bits are unpro-
grammed, the RESET port pin is configured as a wire-AND (open-drain) bi-directional I/O pin
with pull-up enabled and becomes the communication gateway between target and emulator.
ADC10: ADC input Channel 10. Note that ADC input channel 10 uses analog power.
PCINT15: Pin Change Interrupt source 15.
• Port B, Bit 6 - ADC9/ T0/ INT0/ PCINT14
ADC9: ADC input Channel 9. Note that ADC input channel 9 uses analog power.
T0: Timer/Counter0 counter source.
INT0: The PB6 pin can serve as an External Interrupt source 0.
PCINT14: Pin Change Interrupt source 14.
• Port B, Bit 5 - XTAL2/ CLKO/ ADC8/ PCINT13
XTAL2: Chip clock Oscillator pin 2. Used as clock pin for crystal Oscillator or Low-frequency
crystal Oscillator. When used as a clock pin, the pin can not be used as an I/O pin.
CLKO: The divided system clock can be output on the PB5 pin, if the CKOUT Fuse is pro-
grammed, regardless of the PORTB5 and DDB5 settings. It will also be output during reset.
OC1D Output Compare Match output: The PB5 pin can serve as an external output for the
Timer/Counter1 Compare Match D when configured as an output (DDA1 set). The OC1D pin is
also the output pin for the PWM mode timer function.
Table 12-3.
Port B Pins Alternate Functions
Port Pin
Alternate Function
PB7
RESET / dW / ADC10 / PCINT15
PB6
ADC9 / T0 / INT0 / PCINT14
PB5
XTAL2 / CLKO / OC1D / ADC8 / PCINT13
PB4
XTAL1 / CLKI / OC1D / ADC7 / PCINT12
PB3
OC1B / PCINT11
PB2
SCK / USCK / SCL / OC1B /PCINT10
PB1
MISO / DO / OC1A / PCINT9
PB0
MOSI / DI / SDA / OC1A / PCINT8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com