Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESXZ Datasheet(PDF) 89 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 85Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 86Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 87Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 88Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 89Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 90Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 91Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 92Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 227 page
background image
89
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
15. Timer/Counter1 Prescaler
Figure 15-1 shows the Timer/Counter1 prescaler that supports two clocking modes, a synchro-
nous clocking mode and an asynchronous clocking mode. The synchronous clocking mode uses
the system clock (CK) as a clock timebase and asynchronous mode uses the fast peripheral
clock (PCK) as a clock time base. The PCKE bit from the PLLCSR register enables the asyn-
chronous mode when it is set (‘1’).
Figure 15-1. Timer/Counter1 Prescaler
In the asynchronous clocking mode the clock selections are from PCK to PCK/16384 and stop,
and in the synchronous clocking mode the clock selections are from CK to CK/16384 and stop.
The clock options are described in Table 15-1 on page 91 and the Timer/Counter1 Control Reg-
ister, TCCR1B.
The frequency of the fast peripheral clock is 64 MHz or 32 MHz in Low Speed mode (the LSM bit
in PLLCSR register is set to one). The Low Speed Mode is recommended to use when the sup-
ply voltage below 2.7 volts are used.
15.0.1
Prescaler Reset
Setting the PSR1 bit in TCCR1B register resets the prescaler. It is possible to use the Prescaler
Reset for synchronizing the Timer/Counter to program execution.
15.0.2
Prescaler Initialization for Asynchronous Mode
To change Timer/Counter1 to the asynchronous mode follow the procedure below:
1. Enable PLL.
2. Wait 100 µs for PLL to stabilize.
3. Poll the PLOCK bit until it is set.
4. Set the PCKE bit in the PLLCSR register which enables the asynchronous mode.
TIMER/COUNTER1 COUNT ENABLE
PSR1
CS10
CS11
CS12
PCK 64/32 MHz
0
CS13
14-BIT
T/C PRESCALER
S
A
CK
PCKE
T1CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com