Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESXZ Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 13Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 14Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 15Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 16Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 17Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 18Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 19Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 20Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 227 page
background image
17
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
6.
AVR Memories
This section describes the different memories in the ATtiny261/461/861. The AVR architecture
has two main memory spaces, the Data memory and the Program memory space. In addition,
the ATtiny261/461/861 features an EEPROM Memory for data storage. All three memory
spaces are linear and regular.
6.1
In-System Re-programmable Flash Program Memory
The ATtiny261/461/861 contains 2/4/8K byte On-chip In-System Reprogrammable Flash mem-
ory for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is organized
as 1024/2048/4096 x 16.
The F lash memory has an endurance of at least 10,000 write/erase cycles. The
ATtiny261/461/861 Program Counter (PC) is 10/11/12 bits wide, thus addressing the
1024/2048/4096 Program memory locations. “Memory Programming” on page 171 contains a
detailed description on Flash data serial downloading using the SPI pins.
Constant tables can be allocated within the entire Program memory address space (see the
LPM – Load Program memory instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execution Tim-
ing” on page 14.
Figure 6-1.
Program Memory Map
6.2
SRAM Data Memory
Figure 6-2 shows how the ATtiny261/461/861 SRAM Memory is organized.
The lower 224/352/608 Data memory locations address both the Register File, the I/O memory
and the internal data SRAM. The first 32 locations address the Register File, the next 64 loca-
tions the standard I/O memory, and the last 128/256/512 locations address the internal data
SRAM.
The five different addressing modes for the Data memory cover: Direct, Indirect with Displace-
ment, Indirect, Indirect with Pre-decrement, and Indirect with Post-increment. In the Register
File, registers R26 to R31 feature the indirect addressing pointer registers.
The direct addressing reaches the entire data space.
The Indirect with Displacement mode reaches 63 address locations from the base address given
by the Y- or Z-register.
0x0000
0x03FF/0x07FF/0x0FFF
Program Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com