Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESXZ Datasheet(PDF) 54 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 50Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 51Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 52Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 53Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 54Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 55Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 56Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 57Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 227 page
background image
54
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Alternatively, the flag can be cleared by writing a logical one to it. This flag is always cleared
when INT1 is configured as a level interrupt.
• Bit 6 – INTF0: External Interrupt Flag 0
When an edge or logic change on the INT0 pin triggers an interrupt request, INTF0 becomes set
(one). If the I-bit in SREG and the INT0 bit in GIMSK are set (one), the MCU will jump to the cor-
responding Interrupt Vector. The flag is cleared when the interrupt routine is executed.
Alternatively, the flag can be cleared by writing a logical one to it. This flag is always cleared
when INT0 is configured as a level interrupt.
• Bit 5 – PCIF: Pin Change Interrupt Flag
When a logic change on any PCINT15 pin triggers an interrupt request, PCIF becomes set
(one). If the I-bit in SREG and the PCIE bit in GIMSK are set (one), the MCU will jump to the cor-
responding Interrupt Vector. The flag is cleared when the interrupt routine is executed.
Alternatively, the flag can be cleared by writing a logical one to it.
• Bits 4:0 – Res: Reserved Bits
These bits are reserved bits in the ATtiny261/461/861 and will always read as zero.
11.1.4
PCMSK0 – Pin Change Mask Register A
• Bits 7:0 – PCINT7:0: Pin Change Enable Mask 7..0
Each PCINT7:0 bit selects whether pin change interrupt is enabled on the corresponding I/O pin.
If PCINT7:0 is set and the PCIE1 bit in GIMSK is set, pin change interrupt is enabled on the cor-
responding I/O pin. If PCINT7..0 is cleared, pin change interrupt on the corresponding I/O pin is
disabled.
11.1.5
PCMSK1 – Pin Change Mask Register B
• Bits 7:0 – PCINT15:8: Pin Change Enable Mask 15..8
Each PCINT15:8 bit selects whether pin change interrupt is enabled on the corresponding I/O
pin. If PCINT11:8 is set and the PCIE0 bit in GIMSK is set, pin change interrupt is enabled on
the corresponding I/O pin, and if PCINT15:12 is set and the PCIE1 bit in GIMSK is set, pin
change interrupt is enabled on the corresponding I/O pin. If PCINT15:8 is cleared, pin change
interrupt on the corresponding I/O pin is disabled.
Bit
76543
210
0x23 (0x43)
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
PCMSK0
Read/Write
R/WR/W
R/WR/w
R/WR/W
R/WR/W
Initial Value
11001
000
Bit
7
6543
210
0x22 (0x42)
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
PCMSK1
Read/Write
R/W
R/W
R/W
R/w
R/W
R/W
R/W
R/W
Initial Value
1
1111
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com