Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESXZ Datasheet(PDF) 90 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 86Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 87Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 88Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 89Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 90Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 91Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 92Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 93Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 227 page
background image
90
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
15.1
Register Description
15.1.1
PLLCSR – PLL Control and Status Register
• Bit 7- LSM: Low Speed Mode
The Low Speed mode is set, if the LSM bit is written to one. Then the fast peripheral clock is
scaled down to 32 MHz. The Low Speed Mode must be set, if the supply voltage is below 2.7
volts, because the Timer/Counter1 is not running fast enough on low voltage levels. It is recom-
mended that the Timer/Counter1 is stopped whenever the LSM bit is changed.
Note, that LSM can not be set if PLL
CLK is used as a system clock.
• Bit 6:3- Res: Reserved Bits
These bits are reserved bits in the ATtiny261/461/861 and always read as zero.
• Bit 2- PCKE: PCK Enable
The PCKE bit change the Timer/Counter1 clock source. When it is set, the asynchronous clock
mode is enabled and fast 64 MHz (or 32 MHz in Low Speed Mode) PCK clock is used as a
Timer/Counter1 clock source. If this bit is cleared, the synchronous clock mode is enabled, and
system clock CK is used as Timer/Counter1 clock source. It is safe to set this bit only when the
PLL is locked i.e the PLOCK bit is 1. Note that the PCKE bit can be set only, if the PLL has been
enabled earlier. The PLL is enabled when the CKSEL fuse has been programmed to 0x0001
(the PLL clock mode is selected) or the PLLE bit has been set to one.
• Bit 1- PLLE: PLL Enable
When the PLLE is set, the PLL is started and if needed internal RC-oscillator is started as a PLL
reference clock. If PLL is selected as a system clock source the value for this bit is always 1.
• Bit 0- PLOCK: PLL Lock Detector
When the PLOCK bit is set, the PLL is locked to the reference clock. The PLOCK bit should be
ignored during initial PLL lock-in sequence when PLL frequency overshoots and undershoots,
before reaching steady state. The steady state is obtained within 100 µs. After PLL lock-in it is
recommended to check the PLOCK bit before enabling PCK for Timer/Counter1.
15.1.2
TCCR1B – Timer/Counter1 Control Register B
• Bit 7 - Res: Reserved Bit
• Bit 6 - PSR1: Prescaler Reset Timer/Counter1
Bit
76543210
0x29 (0x49)
LSM
----PCKE
PLLE
PLOCK
PLLCSR
Read/Write
R/W
RRRRR/W
R/W
R
Initial value
0000000/1
0
Bit
7
6
543210
0x2F (0x4F)
-
PSR1
DTPS11
DTPS10
CS13
CS12
CS11
CS10
TCCR1B
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com