Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESXZ Datasheet(PDF) 106 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 106 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 102Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 103Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 104Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 105Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 106Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 107Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 108Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 109Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 110Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 227 page
background image
106
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Figure 16-12. Phase and Frequency Correct PWM Mode, Timing Diagram
The Timer/Counter Overflow Flag (TOV1) is set each time the counter reaches BOTTOM. The
Interrupt Flag can be used to generate an interrupt each time the counter reaches the BOTTOM
value.
In the Phase and Frequency Correct PWM mode, the compare unit allows generation of PWM
waveforms on the OC1x pins. Setting the COM1x1:0 bits to two will produce a non-inverted
PWM and setting the COM1x1:0 to three will produce an inverted PWM output. Setting the
COM1A1:0 bits to one will enable complementary Compare Output mode and produce both the
non-inverted (OC1x) and inverted output (OC1x). The actual values will only be visible on the
port pin if the data direction for the port pin is set as output. The PWM waveform is generated by
clearing (or setting) the Waveform Output (OCW1x) at the Compare Match between OCR1x and
TCNT1 when the counter increments, and setting (or clearing) the Waveform Output at Compare
Match when the counter decrements. The PWM frequency for the output when using the Phase
and Frequency Correct PWM can be calculated by the following equation:
The N variable represents the number of steps in dual-slope operation. The value of N equals to
the TOP value.
The extreme values for the OCR1C Register represent special cases when generating a PWM
waveform output in the Phase and Frequency Correct PWM mode. If the OCR1C is set equal to
BOTTOM, the output will be continuously low and if set equal to MAX the output will be continu-
ously high for non-inverted PWM mode. For inverted PWM the output will have the opposite
logic values.
The general I/O port function is overridden by the Output Compare value (OC1x / OC1x) from
the Dead Time Generator, if either of the COM1x1:0 bits are set and the Data Direction Register
bits for the OC1X and OC1X pins are set as an output. If the COM1x1:0 bits are cleared, the
actual value from the port register will be visible on the port pin. The configurations of the Output
Compare Pins are described in Table 16-4.
TOVn Interrupt Flag Set
OCnx Interrupt Flag Set
1
2
3
TCNTn
Period
OCWnx
OCWnx
(COMnx = 2)
(COMnx = 3)
OCRnx Update
fOCnxPCPWM
f
clkT1
N
-------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com