Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESXZ Datasheet(PDF) 116 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 112Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 113Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 114Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 115Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 116Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 117Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 118Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 119Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 227 page
background image
116
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Table 16-8 shows the COM1A1:0 bit functionality when the PWM1A, WGM10 and WGM11 bits
are set to Phase and Frequency Correct PWM Mode.
Table 16-9 shows the COM1A1:0 bit functionality when the PWM1A, WGM10 and WGM11 bits
are set to single-slope PWM6 Mode. In the PWM6 Mode the same Waveform Output (OCW1A)
is used for generating all waveforms and the Output Compare values OC1A and OC1A are con-
nected on the all OC1x and OC1x pins as described below.
Table 16-10 shows the COM1A1:0 bit functionality when the PWM1A, WGM10 and WGM11 bits
are set to dual-slope PWM6 Mode.I
• Bits 5,4 - COM1B1, COM1B0: Comparator B Output Mode, Bits 1 and 0
These bits control the Behavior of the Waveform Output (OCW1B) and the connection of the
Output Compare pin (OC1B). If one or both of the COM1B1:0 bits are set, the OC1B output
overrides the normal port functionality of the I/O pin it is connected to. The complementary
OC1B output is connected only in PWM modes when the COM1B1:0 bits are set to “01”.
Table 16-8.
Compare Output Mode, Phase and Frequency Correct PWM Mode
COM1A1..0
OCW1A Behavior
OC1A Pin
OC1A Pin
00
Normal port operation.
Disconnected
Disconnected
01
Cleared on Compare Match when up-counting.
Set on Compare Match when down-counting.
Connected
Connected
10
Cleared on Compare Match when up-counting.
Set on Compare Match when down-counting.
Connected
Disconnected
11
Set on Compare Match when up-counting.
Cleared on Compare Match when down-counting.
Connected
Disconnected
Table 16-9.
Compare Output Mode, Single-Slope PWM6 Mode
COM1A1..0
OCW1A Behavior
OC1x Pin
OC1x Pin
00
Normal port operation.
Disconnected
Disconnected
01
Cleared on Compare Match.
Set when TCNT1 = 0x000.
OC1A
OC1A
10
Cleared on Compare Match.
Set when TCNT1 = 0x000.
OC1A
OC1A
11
Set on Compare Match.
Cleared when TCNT1 = 0x000.
OC1A
OC1A
Table 16-10. Compare Output Mode, Dual-Slope PWM6 Mode
COM1A1..0
OCW1A Behavior
OC1x Pin
OC1x Pin
00
Normal port operation.
Disconnected
Disconnected
01
Cleared on Compare Match when up-counting.
Set on Compare Match when down-counting.
OC1A
OC1A
10
Cleared on Compare Match when up-counting.
Set on Compare Match when down-counting.
OC1A
OC1A
11
Set on Compare Match when up-counting.
Cleared on Compare Match when down-counting.
OC1A
OC1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com