Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESXZ Datasheet(PDF) 143 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 143 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 139Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 140Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 141Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 142Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 143Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 144Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 145Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 146Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 147Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 227 page
background image
143
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
18.2.1
ACSRB – Analog Comparator Control and Status Register B
• Bit 7 – HSEL: Hysteresis Select
When this bit is written logic one, the hysteresis of the Analog Comparator is switched on. The
hysteresis level is selected by the HLEV bit.
• Bit 6 – HLEV: Hysteresis Level
When the hysteresis is enabled by the HSEL bit, the Hysteresis Level, HLEV, bit selects the hys-
teresis level that is either 20mV (HLEV=0) or 50mV (HLEV=1).
• Bit 2:0 – ACM2:ACM0: Analog Comparator Multiplexer
The Analog Comparator multiplexer bits select the positive and negative input pins of the Analog
Comparator. The different settings are shown in Table 18-2.
Bit
76543210
0x09 (0x29)
HSEL
HLEV
-
-
-
ACM2
ACM1
ACM0
ACSRB
Read/Write
R/W
R/W
R
R
R
R/W
R/W
R/W
Initial Value
0
0
N/A
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com