Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESXZ Datasheet(PDF) 158 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 158 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 154Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 155Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 156Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 157Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 158Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 159Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 160Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 161Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 162Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 227 page
background image
158
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Table 19-5.
Input Channel Selections
MUX5..0
Single Ended
Input
Positive
Differential Input
Negative
Differential Input
Gain
000000
ADC0 (PA0)
NA
NA
NA
000001
ADC1 (PA1)
000010
ADC2 (PA2)
000011
ADC3 (PA4)
000100
ADC4 (PA5)
000101
ADC5 (PA6)
000110
ADC6 (PA7)
000111
ADC7 (PB4)
001000
ADC8 (PB5)
001001
ADC9 (PB6)
001010
ADC10 (PB7)
001011
NA
ADC0 (PA0)
ADC1 (PA1)
20x
001100
ADC0 (PA0)
ADC1 (PA1)
1x
001101
ADC1 (PA1)
ADC1 (PA1)
20x
001110
ADC2 (PA2)
ADC1 (PA1)
20x
001111
ADC2 (PA2)
ADC1 (PA1)
1x
010000
N/A
ADC2 (PA2)
ADC3 (PA4)
1x
010001
ADC3 (PA4)
ADC3 (PA4)
20x
010010
ADC4 (PA5)
ADC3 (PA4)
20x
010011
ADC4 (PA5)
ADC3 (PA4)
1x
010100
NA
ADC4 (PA5)
ADC5 (PA6)
20x
010101
ADC4 (PA5)
ADC5 (PA6)
1x
010110
ADC5 (PA6)
ADC5 (PA6)
20x
010111
ADC6 (PA7)
ADC5 (PA6)
20x
011000
ADC6 (PA7)
ADC5 (PA6)
1x
011001
NA
ADC8 (PB5)
ADC9 (PB6)
20x
011010
ADC8 (PB5)
ADC9 (PB6)
1x
011011
ADC9 (PB6)
ADC9 (PB6)
20x
011100
ADC10 (PB7)
ADC9 (PB6)
20x
011101
ADC10 (PB7)
ADC9 (PB6)
1x
011110
1.1V
N/A
N/A
N/A
011111
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com