Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESXZ Datasheet(PDF) 187 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 187 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 183Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 184Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 185Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 186Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 187Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 188Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 189Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 190Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 191Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 227 page
background image
187
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
23. Electrical Characteristics
23.1
Absolute Maximum Ratings*
Notes:
1. Maximum current per port = ±30mA
23.2
DC Characteristics
Operating Temperature.................................. -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to V
CC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
V
CC and GND Pins ................................ 200.0 mA
Injection Current at VCC=0V ................................... ±5.0 mA(1)
Injection Current at VCC=5V ...................................... ±1.0 mA
T
A = -40°C to 125°C, VCC = 2.7V to 5.5V (unless otherwise noted)
(1)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIL
Input Low-voltage
Except XTAL1 and RESET pin
-0.5
0.2VCC
V
VIH
Input High-voltage
Except XTAL1 and RESET pin
0.7VCC
(3)
VCC +0.5
V
VIL1
Input Low-voltage
XTAL1 pin, External
Clock Selected
-0.5
0.1VCC
V
VIH1
Input High-voltage
XTAL1 pin, External
Clock Selected
0.8VCC
(3)
VCC +0.5
V
VIL2
Input Low-voltage
RESET pin
-0.5
0.2V
CC
V
VIH2
Input High-voltage
RESET pin
0.9VCC
(3)
VCC +0.5
V
VIL3
Input Low-voltage
RESET pin as I/O
-0.5
0.2VCC
V
VIH3
Input High-voltage
RESET pin as I/O
0.7V
CC
(3)
V
CC +0.5
V
VOL
Output Low Voltage(4)
(Except Reset pin)
IOL = 10 mA, VCC = 5V
IOL = 5 mA, VCC = 3V
0.6
0.5
V
V
VOH
Output High-voltage(5)
(Except Reset pin)
IOH = -10 mA, VCC = 5V
IOH = -5 mA, VCC = 3V
4.3
2.5
V
V
IIL
Input Leakage
Current I/O Pin
Vcc =
5.5V, pin low
(absolute value)
250
nA
IIH
Input Leakage
Current I/O Pin
Vcc =
5.5V, pin high
(absolute value)
250
nA
R
RST
Reset Pull-up Resistor
30
60
k
Ω
RPU
I/O Pin Pull-up Resistor
20
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com