Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESXZ Datasheet(PDF) 213 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 213 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 209Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 210Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 211Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 212Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 213Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 214Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 215Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 216Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 217Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 227 page
background image
213
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
27. Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive).
Also Halide free and fully Green.
3. For Speed vs. VCC, see Figure 23.3 on page 189.
Table 27-1.
Engineering Samples Delivery only
Ordering Code(2)
Speed (MHz)(3)
Power Supply (V)
Package(1)
Operation Range
ATtiny261-ESSZ
16
2.7 - 5.5
TG
Automotive (-40° to +125°C)
ATtiny261-ESMZ
16
2.7 - 5.5
PN
Automotive (-40° to +125°C)
ATtiny261-ESXZ
16
2.7 - 5.5
6G
Automotive (-40° to +125°C)
ATtiny461-ESSZ
16
2.7 - 5.5
TG
Automotive (-40° to +125°C)
ATtiny461-ESMZ
16
2.7 - 5.5
PN
Automotive (-40° to +125°C)
ATtiny461-ESXZ
16
2.7 - 5.5
6G
Automotive (-40° to +125°C)
ATtiny861-ESSZ
16
2.7 - 5.5
TG
Automotive (-40° to +125°C)
ATtiny861-ESMZ
16
2.7 - 5.5
PN
Automotive (-40° to +125°C)
ATtiny861-ESXZ
16
2.7 - 5.5
6G
Automotive (-40° to +125°C)
Table 27-2.
Available Product Offering
Ordering Code(2)
Speed (MHz)(3)
Power Supply (V)
Package(1)
Operation Range
ATtiny261-15SZ
16
2.7 - 5.5
TG
Automotive (-40° to +125°C)
ATtiny261-15MZ
16
2.7 - 5.5
PN
Automotive (-40° to +125°C)
ATtiny261-15XZ
16
2.7 - 5.5
6G
Automotive (-40° to +125°C)
ATtiny261-15MAZ
16
2.7 - 5.5
PC
Automotive (-40° to +125°C)
ATtiny461-15SZ
16
2.7 - 5.5
TG
Automotive (-40° to +125°C)
ATtiny461-15MZ
16
2.7 - 5.5
PN
Automotive (-40° to +125°C)
ATtiny461-15XZ
16
2.7 - 5.5
6G
Automotive (-40° to +125°C)
ATtiny461-15MAZ
16
2.7 - 5.5
PC
Automotive (-40° to +125°C)
ATtiny861-15SZ
16
2.7 - 5.5
TG
Automotive (-40° to +125°C)
ATtiny861-15MZ
16
2.7 - 5.5
PN
Automotive (-40° to +125°C)
ATtiny861-15XZ
16
2.7 - 5.5
6G
Automotive (-40° to +125°C)
ATtiny861-15MAZ
16
2.7 - 5.5
PC
Automotive (-40° to +125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com