Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny261-ESXZ Datasheet(PDF) 225 Page - ATMEL Corporation

Part # ATtiny261-ESXZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESXZ Datasheet(HTML) 225 Page - ATMEL Corporation

Back Button ATtiny261-ESXZ Datasheet HTML 219Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 220Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 221Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 222Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 223Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 224Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 225Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 226Page - ATMEL Corporation ATtiny261-ESXZ Datasheet HTML 227Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 225 / 227 page
background image
225
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
19.5
Prescaling and Conversion Timing ................................................................147
19.6
Changing Channel or Reference Selection ...................................................149
19.7
ADC Noise Canceler .....................................................................................151
19.8
ADC Conversion Result .................................................................................154
19.9
Temperature Measurement ...........................................................................155
19.10
Register Description ......................................................................................157
20
debugWIRE On-chip Debug System .................................................. 164
20.1
Features ........................................................................................................164
20.2
Overview ........................................................................................................164
20.3
Physical Interface ..........................................................................................164
20.4
Software Break Points ...................................................................................165
20.5
Limitations of debugWIRE .............................................................................165
20.6
Register Description ......................................................................................165
21
Self-Programming the Flash ............................................................... 166
21.1
Performing Page Erase by SPM ....................................................................166
21.2
Filling the Temporary Buffer (Page Loading) .................................................166
21.3
Performing a Page Write ...............................................................................167
21.4
Addressing the Flash During Self-Programming ...........................................167
21.5
Register Description ......................................................................................169
22
Memory Programming ......................................................................... 171
22.1
Program And Data Memory Lock Bits ...........................................................171
22.2
Fuse Bytes .....................................................................................................172
22.3
Signature Bytes .............................................................................................173
22.4
Calibration Byte .............................................................................................173
22.5
Reading the Signature Row from Software ...................................................174
22.6
Page Size ......................................................................................................174
22.7
Parallel Programming Parameters, Pin Mapping, and Commands ...............174
22.8
Parallel Programming ....................................................................................176
22.9
Serial Downloading ........................................................................................183
23
Electrical Characteristics .................................................................... 187
23.1
Absolute Maximum Ratings* .........................................................................187
23.2
DC Characteristics .........................................................................................187
23.3
Speed Grades ...............................................................................................189
23.4
Clock Characteristics .....................................................................................189
23.5
System and Reset Characteristics ................................................................190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com