Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT68166HT Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT68166HT
Description  Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166HT Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT68166HT Datasheet HTML 4Page - ATMEL Corporation AT68166HT Datasheet HTML 5Page - ATMEL Corporation AT68166HT Datasheet HTML 6Page - ATMEL Corporation AT68166HT Datasheet HTML 7Page - ATMEL Corporation AT68166HT Datasheet HTML 8Page - ATMEL Corporation AT68166HT Datasheet HTML 9Page - ATMEL Corporation AT68166HT Datasheet HTML 10Page - ATMEL Corporation AT68166HT Datasheet HTML 11Page - ATMEL Corporation AT68166HT Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
7843A–AERO–10/09
AT68166HT
Data Retention Mode
Atmel CMOS RAM's are designed with battery backup in mind. Data retention voltage and sup-
ply current are guaranteed over temperature. The following rules insure data retention:
1. During data retention chip select CSx must be held high within V
CC to VCC -0.2V.
2. Output Enable (OE) should be held high to keep the RAM outputs high impedance, mini-
mizing power dissipation.
3. During power-up and power-down transitions CSx and OE must be kept between V
CC +
0.3V and 70% of V
CC.
4. The RAM can begin operation > tR ns after VCC reaches the minimum operation voltages
(3V).
Figure 3. Data Retention Timing
Data Retention Characteristics
vcc
CSx
Parameter
Description
Min
Typ TA = 25⋅CMax
Unit
VCCDR
VCC for data retention
2.0
–
–
V
tCDR
Chip deselect to data retention time
0.0
–
–
ns
tR
Operation recovery time
tAVAV
(1)
1.
TAVAV = Read cycle time.
––
ns
ICCDR (2)
2.
All CSx = VCC, VIN = GND/VCC.
Data retention current
–
3
6
(AT68166HT-25)
mA
4.5
(AT68166HT-20)
5
(AT68166HT-18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com