Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT68166HT Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT68166HT
Description  Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166HT Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT68166HT Datasheet HTML 7Page - ATMEL Corporation AT68166HT Datasheet HTML 8Page - ATMEL Corporation AT68166HT Datasheet HTML 9Page - ATMEL Corporation AT68166HT Datasheet HTML 10Page - ATMEL Corporation AT68166HT Datasheet HTML 11Page - ATMEL Corporation AT68166HT Datasheet HTML 12Page - ATMEL Corporation AT68166HT Datasheet HTML 13Page - ATMEL Corporation AT68166HT Datasheet HTML 14Page - ATMEL Corporation AT68166HT Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
7843A–AERO–10/09
AT68166HT
Typical Applications
This section shows standard implementations of the AT68166HT in applications.
32-bit mode
application
When used on a 32-bit (word) application, the module shall be connected as follow :
•
The 32 lines of data are connected to distinct data lines
•
The four CSx are connected together and linked to a single host CS output
•
Each one of the four WEx is connected to a dedicated WE line on the host to allow byte, half
word and word format write.
Figure 5. 32-bit typical application ( 1 SRAM bank)
16-bit mode
application
When used on a 16-bit (half word) application, the module can be connected as presented in the
following figure. This allows use of a single AT68166HT part for two SRAM memory banks.
All input controls of the AT68166HT not used in the application shall be pulled-up.
Figure 6. 16-bit typical application (two SRAM banks)
8-bit mode
application
When used on a 8-bit (byte) application, the module can be connected as presented in the fol-
lowing figure. This allows use of a single AT68166HT part for up to four SRAM memory banks.
All input controls of the AT68166HT not used in the application shall be pulled-up.
Figure 7. 8-bit typical application (two SRAM banks)
CS[3:0]
OE
WE[3:0]
A[17:0]
I/O[31:0]
AT68166HT
RAMOE0*
AD
TSC695F
A[27:0]
D[31:0]
D[31:0]
A[19:2]
RWE[3:0]*
RAMS0*
A[19:2]
D[31:0]
A[17:0]
I/O[15:0]
AT68166HT
A
D
TSC695F
A[27:0]
D[31:0]
D[31:16]
A[18:1]
A[18:1]
D[31:0]
I/O[31:16]
D[31:16]
CS[1:0]
WE[1:0]
RWE0*
RAMS0*
CS[3:2]
WE[3:2]
RWE0*
RAMS1*
OE
RAMOE[1:0]*
A[17:0]
I/O[7:0]
AT68166HT
A
D
TSC695F
A[27:0]
D[31:0]
D[31:24]
A[17:0]
A[17:0]
D[31:0]
I/O[15:8]
D[31:24]
CS[0]
WE[0]
RWE0*
RAMS0*
CS[1]
WE[1]
RWE0*
RAMS1*
OE
RAMOE[1:0]*
CS[3]
WE[3]
RWE0*
RAMS2*
CS[2]
WE[2]
RWE0*
RAMS2*
I/O[23:16]
D[31:24]
I/O[31:24]
D[31:24]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com