Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT68166HT Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT68166HT
Description  Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166HT Datasheet(HTML) 2 Page - ATMEL Corporation

  AT68166HT Datasheet HTML 1Page - ATMEL Corporation AT68166HT Datasheet HTML 2Page - ATMEL Corporation AT68166HT Datasheet HTML 3Page - ATMEL Corporation AT68166HT Datasheet HTML 4Page - ATMEL Corporation AT68166HT Datasheet HTML 5Page - ATMEL Corporation AT68166HT Datasheet HTML 6Page - ATMEL Corporation AT68166HT Datasheet HTML 7Page - ATMEL Corporation AT68166HT Datasheet HTML 8Page - ATMEL Corporation AT68166HT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
7843A–AERO–10/09
AT68166HT
Block Diagram
AT68166HT Block Diagram
512K x 8 Banks Block Diagram (AT60142HT)
A[18:0]
OE
CS1
WE1
I/O[15:8]
BANK1
512k x 8
CS2
WE2
I/O[23:16]
BANK2
512k x 8
CS3
WE3
I/O[31:24]
BANK3
512k x 8
CS0
WE0
I/O[7:0]
BANK0
512k x 8
or
I/O2[31:16]
or
I/O2[15:0]
or
I/O1[31:16]
or
I/O1[15:0]
or
I/O3[7:0]
or
I/O2[7:0]
or
I/O1[7:0]
or
I/O[7:0]
I/Ox
0
I/Ox
7
CSx
OE
WEx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com