Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT68166HT Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT68166HT
Description  Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166HT Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT68166HT Datasheet HTML 6Page - ATMEL Corporation AT68166HT Datasheet HTML 7Page - ATMEL Corporation AT68166HT Datasheet HTML 8Page - ATMEL Corporation AT68166HT Datasheet HTML 9Page - ATMEL Corporation AT68166HT Datasheet HTML 10Page - ATMEL Corporation AT68166HT Datasheet HTML 11Page - ATMEL Corporation AT68166HT Datasheet HTML 12Page - ATMEL Corporation AT68166HT Datasheet HTML 13Page - ATMEL Corporation AT68166HT Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
7843A–AERO–10/09
AT68166HT
Write Cycle 1.
WE Controlled, OE High During Write
Write Cycle 2.
WE Controlled, OE Low
Write Cycle 3.
CS Controlled
The internal write time of the memory is defined by the overlap of CS Low and WE LOW. Both signals must
be activated to initiate a write and either signal can terminate a write by going in active mode. The data
input setup and hold timing should be referenced to the active edge of the signal that terminates the write.
Data out is high impedance if OE= VIH.
E
E
ADDRESS
CSx
WEx
I/Os
OE
E
E
ADDRESS
CSx
WEx
I/Os
E
ADDRESS
CSx
WEx
I/Os



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com