Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT68166HT Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT68166HT
Description  Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT68166HT Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT68166HT Datasheet HTML 7Page - ATMEL Corporation AT68166HT Datasheet HTML 8Page - ATMEL Corporation AT68166HT Datasheet HTML 9Page - ATMEL Corporation AT68166HT Datasheet HTML 10Page - ATMEL Corporation AT68166HT Datasheet HTML 11Page - ATMEL Corporation AT68166HT Datasheet HTML 12Page - ATMEL Corporation AT68166HT Datasheet HTML 13Page - ATMEL Corporation AT68166HT Datasheet HTML 14Page - ATMEL Corporation AT68166HT Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
7843A–AERO–10/09
AT68166HT
Ordering Information
Note:
1. Please contact your local sales office.
2. Will be replaced by SMD part number when available.
3. Will be replaced by ESCC part number when available.
Part Number
Temperature Range
Speed
Package
Flow
AT68166HT-YM25-E
25
⋅C
25 ns
MQFPT68
Engineering Samples
AT68166HT-YM25MQ(2)
-55
⋅ to +125⋅C
25 ns
MQFPT68
Mil Level B
AT68166HT-YM25SV(2)
-55
⋅ to +125⋅C
25 ns
MQFPT68
Space Level B
AT68166HT-YM25SR(2)
-55
⋅ to +125⋅C
25 ns
MQFPT68
Space Level B RHA
AT68166HT-YM25-SCC(3)
-55
⋅ to +125⋅C
25 ns
MQFPT68
ESCC
AT68166HT-YS20-E
25
°C
20 ns
MQFPT68
Engineering Samples
AT68166HT-YS20MQ(2)
-55
° to +125°C
20 ns
MQFPT68
Mil Level B
AT68166HT-YS20SV(2)
-55
° to +125°C
20 ns
MQFPT68
Space Level B
AT68166HT-YS20SR(2)
-55
° to +125°C
20 ns
MQFPT68
Space Level B RHA
AT68166HT-YS20-SCC(3)
-55
° to +125°C
20 ns
MQFPT68
ESCC
AT68166HT-YS18-E(1)
25
°C
18 ns
MQFPT68
Engineering Samples
AT68166HT-YS18-MQ(1)(2)
-55
° to +125°C
18 ns
MQFPT68
Mil Level B
AT68166HT-YS18-SV(1)(2)
-55
° to +125°C
18 ns
MQFPT68
Space Level B
AT68166HT-YS18-SR(1)(2)
-55
° to +125°C
18 ns
MQFPT68
Space Level B RHA
AT68166HT-YS18-SCC(1)(3)
-55
° to +125°C
18 ns
MQFPT68
ESCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com