Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 67 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 63Page - ATMEL Corporation ATtiny84 Datasheet HTML 64Page - ATMEL Corporation ATtiny84 Datasheet HTML 65Page - ATMEL Corporation ATtiny84 Datasheet HTML 66Page - ATMEL Corporation ATtiny84 Datasheet HTML 67Page - ATMEL Corporation ATtiny84 Datasheet HTML 68Page - ATMEL Corporation ATtiny84 Datasheet HTML 69Page - ATMEL Corporation ATtiny84 Datasheet HTML 70Page - ATMEL Corporation ATtiny84 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 236 page
background image
67
8006H–AVR–10/09
ATtiny24/44/84
10.3
Register Description
10.3.1
MCUCR – MCU Control Register
• Bit 6 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn and
PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01). See “Con-
figuring the Pin” on page 55 for more details about this feature.
10.3.2
PORTA – Port A Data Register
10.3.3
DDRA – Port A Data Direction Register
Table 10-9.
Overriding Signals for Alternate Functions in PB1..PB0
Signal
Name
PB1/XTAL2/PCINT9
PB0/XTAL1/PCINT8
PUOE
EXT_OSC (1)
1.
EXT_OSC = crystal oscillator or low frequency crystal oscillator is selected as system clock.
EXT_CLOCK (2) + EXT_OSC(1)
2.
EXT_CLOCK = external clock is selected as system clock.
PUOV
0
0
DDOE
EXT_OSC(1)
EXT_CLOCK(2) + EXT_OSC(1)
DDOV
0
0
PVOE
EXT_OSC(1)
EXT_CLOCK(2) + EXT_OSC(1)
PVOV
0
0
PTOE
0
0
DIEOE
EXT_OSC (1)+
PCINT9 • PCIE1
EXT_CLOCK(2) + EXT_OSC(1) +
(PCINT8 • PCIE1)
DIEOV
EXT_OSC(1) • PCINT9 • PCIE1
( EXT_CLOCK(2) • PWR_DOWN ) +
(EXT_CLOCK(2) • EXT_OSC(1) • PCINT8 • PCIE1)
DI
PCINT9 Input
CLOCK/PCINT8 Input
AIO
XTAL2
XTAL1
Bit
7
6
5
4
3
2
1
0
BODS
PUD
SE
SM1
SM0
BODSE
ISC01
ISC00
MCUCR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
RR
Initial Value
0
0
0
0
0
0
0
0
Bit
765
432
10
0x1B (0x3B)
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
PORTA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
543
210
0x1A (0x3A)
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
DDRB
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com