Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 43Page - ATMEL Corporation ATtiny84 Datasheet HTML 44Page - ATMEL Corporation ATtiny84 Datasheet HTML 45Page - ATMEL Corporation ATtiny84 Datasheet HTML 46Page - ATMEL Corporation ATtiny84 Datasheet HTML 47Page - ATMEL Corporation ATtiny84 Datasheet HTML 48Page - ATMEL Corporation ATtiny84 Datasheet HTML 49Page - ATMEL Corporation ATtiny84 Datasheet HTML 50Page - ATMEL Corporation ATtiny84 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 236 page
background image
47
8006H–AVR–10/09
ATtiny24/44/84
• Bits 5, 2..0 – WDP3..0: Watchdog Timer Prescaler 3, 2, 1, and 0
The WDP3..0 bits determine the Watchdog Timer prescaling when the Watchdog Timer is
enabled. The different prescaling values and their corresponding Timeout Periods are shown in
Table 8-3.
Note:
1. If selected, one of the valid settings below 0b1010 will be used.
Table 8-3.
Watchdog Timer Prescale Select
WDP3
WDP2
WDP1
WDP0
Number of WDT Oscillator
Cycles
Typical Time-out at
VCC = 5.0V
0
0
0
0
2K cycles
16 ms
0
0
0
1
4K cycles
32 ms
0
0
1
0
8K cycles
64 ms
0
0
1
1
16K cycles
0.125 s
0
1
0
0
32K cycles
0.25 s
0
1
0
1
64K cycles
0.5 s
0
1
1
0
128K cycles
1.0 s
0
1
1
1
256K cycles
2.0 s
1
0
0
0
512K cycles
4.0 s
1
0
0
1
1024K cycles
8.0 s
1
010
Reserved(1)
1
011
1
100
1
101
1
110
1
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com