Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 62 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 58Page - ATMEL Corporation ATtiny84 Datasheet HTML 59Page - ATMEL Corporation ATtiny84 Datasheet HTML 60Page - ATMEL Corporation ATtiny84 Datasheet HTML 61Page - ATMEL Corporation ATtiny84 Datasheet HTML 62Page - ATMEL Corporation ATtiny84 Datasheet HTML 63Page - ATMEL Corporation ATtiny84 Datasheet HTML 64Page - ATMEL Corporation ATtiny84 Datasheet HTML 65Page - ATMEL Corporation ATtiny84 Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 236 page
background image
62
8006H–AVR–10/09
ATtiny24/44/84
• Port A, Bit 1 – ADC1/AIN0/PCINT1
• ADC1: Analog to Digital Converter, Channel 1.
•AIN0: Analog Comparator Positive Input. Configure the port pin as input with the internal pull-
up switched off to avoid the digital port function from interfering with the function of the
Analog Comparator.
•PCINT1: Pin Change Interrupt source 1. The PA1 pin can serve as an external interrupt
source for pin change interrupt 0.
• Port A, Bit 2 – ADC2/AIN1/PCINT2
• ADC2: Analog to Digital Converter, Channel 2.
•AIN1: Analog Comparator Negative Input. Configure the port pin as input with the internal
pull-up switched off to avoid the digital port function from interfering with the function of the
Analog Comparator.
•PCINT2: Pin Change Interrupt source 2. The PA2 pin can serve as an external interrupt
source for pin change interrupt 0.
• Port A, Bit 3 – ADC3/T0/PCINT3
• ADC3: Analog to Digital Converter, Channel 3.
• T0: Timer/Counter0 counter source.
•PCINT3: Pin Change Interrupt source 3. The PA3 pin can serve as an external interrupt
source for pin change interrupt 0.
• Port A, Bit 4 – ADC4/USCK/SCL/T1/PCINT4
• ADC4: Analog to Digital Converter, Channel 4.
• USCK: Three-wire mode Universal Serial Interface Clock.
• SCL: Two-wire mode Serial Clock for USI Two-wire mode.
• T1: Timer/Counter1 counter source.
•PCINT4: Pin Change Interrupt source 4. The PA4 pin can serve as an external interrupt
source for pin change interrupt 0.
• Port A, Bit 5 – ADC5/DO/MISO/OC1B/PCINT5
• ADC5: Analog to Digital Converter, Channel 5.
• DO: Data Output in USI Three-wire mode. Data output (DO) overrides PORTA5 value and it
is driven to the port when the data direction bit DDA5 is set (one). However the PORTA5 bit
still controls the pullup, enabling pullup if direction is input and PORTA5 is set(one).
• MISO: Master Data input, Slave Data output pin for SPI channel. When the SPI is enabled as
a Master, this pin is configured as an input regardless of the setting of DDA5. When the SPI is
enabled as a Slave, the data direction of this pin is controlled by DDA5. When the pin is
forced by the SPI to be an input, the pull-up can still be controlled by the PORTA5 bit.
• OC1B: Output Compare Match output: The PA5 pin can serve as an external output for the
Timer/Counter1 Compare Match B. The PA5 pin has to be configured as an output (DDA5 set
(one)) to serve this function. The OC1B pin is also the output pin for the PWM mode timer
function.
•PCINT5: Pin Change Interrupt source 5. The PA5 pin can serve as an external interrupt
source for pin change interrupt 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com