Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 25Page - ATMEL Corporation ATtiny84 Datasheet HTML 26Page - ATMEL Corporation ATtiny84 Datasheet HTML 27Page - ATMEL Corporation ATtiny84 Datasheet HTML 28Page - ATMEL Corporation ATtiny84 Datasheet HTML 29Page - ATMEL Corporation ATtiny84 Datasheet HTML 30Page - ATMEL Corporation ATtiny84 Datasheet HTML 31Page - ATMEL Corporation ATtiny84 Datasheet HTML 32Page - ATMEL Corporation ATtiny84 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 236 page
background image
29
8006H–AVR–10/09
ATtiny24/44/84
Notes:
1. This option should not be used with crystals, only with ceramic resonators.
The Oscillator can operate in three different modes, each optimized for a specific frequency
range. The operating mode is selected by fuses CKSEL3..1 as shown in Table 6-9.
The CKSEL0 Fuse together with the SUT1..0 Fuses select the start-up times as shown in Table
6-10.
Notes:
1. When the BOD has been disabled by software, the wake-up time from sleep mode will be
approximately 60µs to ensure that the BOD is working correctly before the MCU continues
executing code.
2. These options should only be used when not operating close to the maximum frequency of the
device, and only if frequency stability at start-up is not important for the application. These
options are not suitable for crystals.
3. These options are intended for use with ceramic resonators and will ensure frequency stability
at start-up. They can also be used with crystals when not operating close to the maximum fre-
quency of the device, and if frequency stability at start-up is not important for the application.
Table 6-9.
Crystal Oscillator Operating Modes
CKSEL3..1
Frequency Range (MHz)
Recommended C1 and C2 Value (pF)
100(1)
0.4 - 0.9
–
101
0.9 - 3.0
12 - 22
110
3.0 - 8.0
12 - 22
111
8.0 -
12 - 22
Table 6-10.
Start-up Times for the Crystal Oscillator Clock Selection
CKSEL0
SUT1..0
Start-up Time from
Power-down(1)
Additional Delay
from Reset
Recommended Usage
0
00
258 CK(2)
14CK + 4 ms
Ceramic resonator,
fast rising power
0
01
258 CK(2)
14CK + 64 ms
Ceramic resonator,
slowly rising power
010
1K CK(3)
14CK
Ceramic resonator,
BOD enabled
011
1K CK(3)
14CK + 4 ms
Ceramic resonator,
fast rising power
100
1K CK(3)
14CK + 64 ms
Ceramic resonator,
slowly rising power
1
01
16K CK
14CK
Crystal Oscillator,
BOD enabled
1
10
16K CK
14CK + 4 ms
Crystal Oscillator,
fast rising power
1
11
16K CK
14CK + 64 ms
Crystal Oscillator,
slowly rising power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com