Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 44Page - ATMEL Corporation ATtiny84 Datasheet HTML 45Page - ATMEL Corporation ATtiny84 Datasheet HTML 46Page - ATMEL Corporation ATtiny84 Datasheet HTML 47Page - ATMEL Corporation ATtiny84 Datasheet HTML 48Page - ATMEL Corporation ATtiny84 Datasheet HTML 49Page - ATMEL Corporation ATtiny84 Datasheet HTML 50Page - ATMEL Corporation ATtiny84 Datasheet HTML 51Page - ATMEL Corporation ATtiny84 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 236 page
background image
48
8006H–AVR–10/09
ATtiny24/44/84
9.
Interrupts
This section describes the specifics of the interrupt handling as performed in ATtiny24/44/84.
For a general explanation of the AVR interrupt handling, see “Reset and Interrupt Handling” on
page 12.
9.1
Interrupt Vectors
The interrupt vectors of ATtiny24/44/84 are described in Table 9-1 below.
If the program never enables an interrupt source, the Interrupt Vectors are not used, and regular
program code can be placed at these locations.
The most typical and general setup for Reset and Interrupt Vector Addresses in ATtiny24/44/84
is shown in the program example below.
Table 9-1.
Reset and Interrupt Vectors
Vector No.
Program Address
Source
Interrupt Definition
1
0x0000
RESET
External Pin, Power-on Reset,
Brown-out Reset, Watchdog Reset
2
0x0001
INT0
External Interrupt Request 0
3
0x0002
PCINT0
Pin Change Interrupt Request 0
4
0x0003
PCINT1
Pin Change Interrupt Request 1
5
0x0004
WDT
Watchdog Time-out
6
0x0005
TIM1_CAPT
Timer/Counter1 Capture Event
7
0x0006
TIM1_COMPA
Timer/Counter1 Compare Match A
8
0x0007
TIM1_COMPB
Timer/Counter1 Compare Match B
9
0x0008
TIM1_OVF
Timer/Counter1 Overflow
10
0x0009
TIM0_COMPA
Timer/Counter0 Compare Match A
11
0x000A
TIM0_COMPB
Timer/Counter0 Compare Match B
12
0x000B
TIM0_OVF
Timer/Counter0 Overflow
13
0x000C
ANA_COMP
Analog Comparator
14
0x000D
ADC
ADC Conversion Complete
15
0x000E
EE_RDY
EEPROM Ready
16
0x000F
USI_STR
USI START
17
0x0010
USI_OVF
USI Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com