Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 110 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 106Page - ATMEL Corporation ATtiny84 Datasheet HTML 107Page - ATMEL Corporation ATtiny84 Datasheet HTML 108Page - ATMEL Corporation ATtiny84 Datasheet HTML 109Page - ATMEL Corporation ATtiny84 Datasheet HTML 110Page - ATMEL Corporation ATtiny84 Datasheet HTML 111Page - ATMEL Corporation ATtiny84 Datasheet HTML 112Page - ATMEL Corporation ATtiny84 Datasheet HTML 113Page - ATMEL Corporation ATtiny84 Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 236 page
background image
110
8006H–AVR–10/09
ATtiny24/44/84
• Bit 1:0 – WGM11:0: Waveform Generation Mode
Combined with the WGM13:2 bits found in the TCCR1B Register, these bits control the counting
sequence of the counter, the source for maximum (TOP) counter value, and what type of wave-
form generation to be used, see Table 12-5 on page 110. Modes of operation supported by the
Timer/Counter unit are: Normal mode (counter), Clear Timer on Compare match (CTC) mode,
and three types of Pulse Width Modulation (PWM) modes. (“Modes of Operation” on page 96).
12.11.2
TCCR1B – Timer/Counter1 Control Register B
• Bit 7 – ICNC1: Input Capture Noise Canceler
Setting this bit (to one) activates the Input Capture Noise Canceler. When the noise canceler is
activated, the input from the Input Capture pin (ICP1) is filtered. The filter function requires four
successive equal valued samples of the ICP1 pin for changing its output. The Input Capture is
therefore delayed by four Oscillator cycles when the noise canceler is enabled.
• Bit 6 – ICES1: Input Capture Edge Select
This bit selects which edge on the Input Capture pin (ICP1) that is used to trigger a capture
event. When the ICES1 bit is written to zero, a falling (negative) edge is used as trigger, and
when the ICES1 bit is written to one, a rising (positive) edge will trigger the capture.
Table 12-5.
Waveform Generation Modes
Mode
WGM
13:10
Mode of
Operation
TOP
Update of
OCR1
x at
TOV1 Flag
Set on
00000
Normal
0xFFFF
Immediate
MAX
10001
PWM, Phase Correct, 8-bit
0x00FF
TOP
BOTTOM
20010
PWM, Phase Correct, 9-bit
0x01FF
TOP
BOTTOM
30011
PWM, Phase Correct, 10-bit
0x03FF
TOP
BOTTOM
40100
CTC (
Clear Timer on Compare)
OCR1A
Immediate
MAX
50101
Fast PWM, 8-bit
0x00FF
TOP
TOP
60110
Fast PWM, 9-bit
0x01FF
TOP
TOP
70111
Fast PWM, 10-bit
0x03FF
TOP
TOP
81000
PWM, Phase & Freq. Correct
ICR1
BOTTOM
BOTTOM
91001
PWM, Phase & Freq. Correct
OCR1A
BOTTOM
BOTTOM
10
1010
PWM, Phase Correct
ICR1
TOP
BOTTOM
11
1011
PWM, Phase Correct
OCR1A
TOP
BOTTOM
12
1100
CTC (
Clear Timer on Compare)
ICR1
Immediate
MAX
13
1101
(Reserved)
–
–
–
14
1110
Fast PWM
ICR1
TOP
TOP
15
1111
Fast PWMOCR1A
TOP
TOP
Bit
765
4
3
2
1
0
0x2E (0x4E)
ICNC1
ICES1
–
WGM13
WGM12
CS12
CS11
CS10
TCCR1B
Read/Write
R/W
R/W
RR/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com