Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny84 Datasheet(PDF) 156 Page - ATMEL Corporation

Part # ATtiny84
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 Datasheet(HTML) 156 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 152Page - ATMEL Corporation ATtiny84 Datasheet HTML 153Page - ATMEL Corporation ATtiny84 Datasheet HTML 154Page - ATMEL Corporation ATtiny84 Datasheet HTML 155Page - ATMEL Corporation ATtiny84 Datasheet HTML 156Page - ATMEL Corporation ATtiny84 Datasheet HTML 157Page - ATMEL Corporation ATtiny84 Datasheet HTML 158Page - ATMEL Corporation ATtiny84 Datasheet HTML 159Page - ATMEL Corporation ATtiny84 Datasheet HTML 160Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 236 page
background image
156
8006H–AVR–10/09
ATtiny24/44/84
To read the Fuse High Byte (FHB), simply replace the address in the Z-pointer with 0x0003 and
repeat the procedure above. If successful, the contents of the destination register are as follows.
Refer to Table 19-4 on page 160 for detailed description and mapping of the Fuse High Byte.
To read the Fuse Extended Byte (FEB), replace the address in the Z-pointer with 0x0002 and
repeat the previous procedure. If successful, the contents of the destination register are as
follows.
Refer to Table 19-3 on page 160 for detailed description and mapping of the Fuse Extended
Byte.
18.6.3
Reading Device Signature Imprint Table from Firmware
To read the contents of the device signature imprint table, follow the below procedure:
1.
Load the Z-pointer with the table index.
2.
Set RSIG and SPMEN bits in SPMCSR.
3.
Issue an LPM instruction within three clock cycles.
4.
Wait three clock cycles for SPMEN bits to be cleared.
5.
Read table data from the LPM destination register.
The RSIG and SPMEN bits will auto-clear after three CPU cycles. When RSIG and SPMEN are
cleared, LPM will work as described in the “AVR Instruction Set” description.
See program example below.
Note:
See “Code Examples” on page 6.
Bit
7
6
543
2
1
0
Rd
FHB7
FHB6
FHB5
FHB4
FHB3
FHB2
FHB1
FHB0
Bit
7
6
543
2
1
0
Rd
FEB7
FEB6
FEB5
FEB4
FEB3
FEB2
FEB1
FEB0
Assembly Code Example
DSIT_read:
; Uses Z-pointer as table index
ldi
ZH, 0
ldi
ZL, 1
; Preload SPMCSR bits into R16, then write to SPMCSR
ldi
r16, (1<<RSIG)|(1<<SPMEN)
out
SPMCSR, r16
; Issue LPM. Table data will be returned into r17
lpm
r17, Z
ret



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com