Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 102 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 98Page - ATMEL Corporation ATmega169P Datasheet HTML 99Page - ATMEL Corporation ATmega169P Datasheet HTML 100Page - ATMEL Corporation ATmega169P Datasheet HTML 101Page - ATMEL Corporation ATmega169P Datasheet HTML 102Page - ATMEL Corporation ATmega169P Datasheet HTML 103Page - ATMEL Corporation ATmega169P Datasheet HTML 104Page - ATMEL Corporation ATmega169P Datasheet HTML 105Page - ATMEL Corporation ATmega169P Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 393 page
background image
102
8018N–AVR–08/09
ATmega169P
14.9
8-bit Timer/Counter Register Description
14.9.1
TCCR0A – Timer/Counter Control Register A
• Bit 7 – FOC0A: Force Output Compare A
The FOC0A bit is only active when the WGM00 bit specifies a non-PWM mode. However, for
ensuring compatibility with future devices, this bit must be set to zero when TCCR0A is written
when operating in PWM mode. When writing a logical one to the FOC0A bit, an immediate com-
pare match is forced on the Waveform Generation unit. The OC0A output is changed according
to its COM0A1:0 bits setting. Note that the FOC0A bit is implemented as a strobe. Therefore it is
the value present in the COM0A1:0 bits that determines the effect of the forced compare.
A FOC0A strobe will not generate any interrupt, nor will it clear the timer in CTC mode using
OCR0A as TOP.
The FOC0A bit is always read as zero.
• Bit 6, 3 – WGM01:0: Waveform Generation Mode
These bits control the counting sequence of the counter, the source for the maximum (TOP)
counter value, and what type of waveform generation to be used. Modes of operation supported
by the Timer/Counter unit are: Normal mode, Clear Timer on Compare match (CTC) mode, and
two types of Pulse Width Modulation (PWM) modes. See Table 14-2 and ”Modes of Operation”
on page 96.
Note:
1. The CTC0 and PWM0 bit definition names are now obsolete. Use the WGM01:0 definitions.
However, the functionality and location of these bits are compatible with previous versions of
the timer.
• Bit 5:4 – COM0A1:0: Compare Match Output Mode
These bits control the Output Compare pin (OC0A) behavior. If one or both of the COM0A1:0
bits are set, the OC0A output overrides the normal port functionality of the I/O pin it is connected
to. However, note that the Data Direction Register (DDR) bit corresponding to the OC0A pin
must be set in order to enable the output driver.
Bit
7
65
43
2
1
0
0x24 (0x44)
FOC0A
WGM00
COM0A1
COM0A0
WGM01
CS02
CS01
CS00
TCCR0A
Read/Write
W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 14-2.
Waveform Generation Mode Bit Description
(1)
Mode
WGM01
(CTC0)
WGM00
(PWM0)
Timer/Counter Mode
of Operation
TOP
Update of
OCR0A at
TOV0 Flag Set
on
0
0
0
Normal
0xFF
Immediate
MAX
1
0
1
PWM, Phase Correct
0xFF
TOP
BOTTOM
2
1
0
CTC
OCR0A
Immediate
MAX
3
1
1
Fast PWM
0xFF
BOTTOM
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com