Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 103 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 99Page - ATMEL Corporation ATmega169P Datasheet HTML 100Page - ATMEL Corporation ATmega169P Datasheet HTML 101Page - ATMEL Corporation ATmega169P Datasheet HTML 102Page - ATMEL Corporation ATmega169P Datasheet HTML 103Page - ATMEL Corporation ATmega169P Datasheet HTML 104Page - ATMEL Corporation ATmega169P Datasheet HTML 105Page - ATMEL Corporation ATmega169P Datasheet HTML 106Page - ATMEL Corporation ATmega169P Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 393 page
background image
103
8018N–AVR–08/09
ATmega169P
When OC0A is connected to the pin, the function of the COM0A1:0 bits depends on the
WGM01:0 bit setting. Table 14-3 shows the COM0A1:0 bit functionality when the WGM01:0 bits
are set to a normal or CTC mode (non-PWM).
Table 14-4 shows the COM0A1:0 bit functionality when the WGM01:0 bits are set to fast PWM
mode.
Note:
1. A special case occurs when OCR0A equals TOP and COM0A1 is set. In this case, the com-
pare match is ignored, but the set or clear is done at BOTTOM. See ”Fast PWM Mode” on
page 97 for more details.
Table 14-5 shows the COM0A1:0 bit functionality when the WGM01:0 bits are set to phase cor-
rect PWM mode.
Note:
1. A special case occurs when OCR0A equals TOP and COM0A1 is set. In this case, the com-
pare match is ignored, but the set or clear is done at TOP. See ”Phase Correct PWM Mode” on
page 99 for more details.
• Bit 2:0 – CS02:0: Clock Select
Table 14-3.
Compare Output Mode, non-PWM Mode
COM0A1
COM0A0
Description
0
0
Normal port operation, OC0A disconnected.
0
1
Toggle OC0A on compare match
1
0
Clear OC0A on compare match
1
1
Set OC0A on compare match
Table 14-4.
Compare Output Mode, Fast PWM Mode
(1)
COM0A1
COM0A0
Description
0
0
Normal port operation, OC0A disconnected.
01
Reserved
10
Clear OC0A on compare match, set OC0A at BOTTOM
(non-inverting mode)
11
Set OC0A on compare match, clear OC0A at BOTTOM
(inverting mode)
Table 14-5.
Compare Output Mode, Phase Correct PWM Mode
(1)
COM0A1
COM0A0
Description
0
0
Normal port operation, OC0A disconnected.
01
Reserved
10
Clear OC0A on compare match when up-counting. Set OC0A on
compare match when down counting.
11
Set OC0A on compare match when up-counting. Clear OC0A on
compare match when down counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com