Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 248 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 248 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 244Page - ATMEL Corporation ATmega169P Datasheet HTML 245Page - ATMEL Corporation ATmega169P Datasheet HTML 246Page - ATMEL Corporation ATmega169P Datasheet HTML 247Page - ATMEL Corporation ATmega169P Datasheet HTML 248Page - ATMEL Corporation ATmega169P Datasheet HTML 249Page - ATMEL Corporation ATmega169P Datasheet HTML 250Page - ATMEL Corporation ATmega169P Datasheet HTML 251Page - ATMEL Corporation ATmega169P Datasheet HTML 252Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 393 page
background image
248
8018N–AVR–08/09
ATmega169P
• Bit 3 – Res: Reserved Bit
This bit is reserved and will always read as zero.
• Bits 2:0 – LCDCD2:0: LCD Clock Divide 2, 1, and 0
The LCDCD2:0 bits determine division ratio in the clock divider. The various selections are
shown in Table 23-5 on page 248. This Clock Divider gives extra flexibility in frame rate
selection.
The frame frequency can be calculated by the following equation:
Where:
N = prescaler divider (16, 64, 128, 256, 512, 1024, 2048, or 4096).
K = 8 for duty = 1/4, 1/2, and static.
K = 6 for duty = 1/3.
D = Division factor (see Table 23-5).
This is a very flexible scheme, and users are encouraged to calculate their own table to investi-
gate the possible frame rates from the formula above. Note when using 1/3 duty the frame rate
is increased with 33% when Frame Rate Register is constant. Example of frame rate calculation
is shown in Table 23-6.
Table 23-5.
LCD Clock Divide
LCDCD2
LCDCD1
LCDCD0
Output from Prescaler
divided by (D):
clk
LCD = 32.768 kHz, N = 16, and
Duty = 1/4, gives a frame rate of:
000
1
256 Hz
001
2
128 Hz
0
1
0
3
85.3 Hz
011
4
64 Hz
1
0
0
5
51.2 Hz
1
0
1
6
42.7 Hz
1
1
0
7
36.6 Hz
111
8
32 Hz
Table 23-6.
Example of frame rate calculation
clk
LCD
duty
K
N
LCDCD2:0
D
Frame Rate
4 MHz
1/4
8
2048
011
4
4000000/(8*2048*4) = 61 Hz
4 MHz
1/3
6
2048
011
4
4000000/(6*2048*4) = 81 Hz
32.768 kHz
Static
8
16
000
1
32768/(8*16*1) = 256 Hz
32.768 kHz
1/2
8
16
100
5
32768/(8*16*5) = 51 Hz
fframe
fclk
LCD
KND
⋅⋅
()
--------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com