Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 246 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 246 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 242Page - ATMEL Corporation ATmega169P Datasheet HTML 243Page - ATMEL Corporation ATmega169P Datasheet HTML 244Page - ATMEL Corporation ATmega169P Datasheet HTML 245Page - ATMEL Corporation ATmega169P Datasheet HTML 246Page - ATMEL Corporation ATmega169P Datasheet HTML 247Page - ATMEL Corporation ATmega169P Datasheet HTML 248Page - ATMEL Corporation ATmega169P Datasheet HTML 249Page - ATMEL Corporation ATmega169P Datasheet HTML 250Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 393 page
background image
246
8018N–AVR–08/09
ATmega169P
• Bit 0 – LCDBL: LCD Blanking
When this bit is written to one, the display will be blanked after completion of a frame. All seg-
ment and common pins will be driven to ground.
23.5.2
LCDCRB – LCD Control and Status Register B
• Bit 7 – LCDCS: LCD Clock Select
When this bit is written to zero, the system clock is used. When this bit is written to one, the
external asynchronous clock source is used. The asynchronous clock source is either
Timer/Counter Oscillator or external clock, depending on EXCLK in ASSR. See ”Asynchronous
operation of the Timer/Counter” on page 150 for further details.
• Bit 6 – LCD2B: LCD 1/2 Bias Select
When this bit is written to zero, 1/3 bias is used. When this bit is written to one, ½ bias is used.
Refer to the LCD Manufacture for recommended bias selection.
• Bit 5:4 – LCDMUX1:0: LCD Mux Select
The LCDMUX1:0 bits determine the duty cycle. Common pins that are not used are ordinary port
pins. The different duty selections are shown in Table 23-2.
Note:
1. 1/2 bias when LCD2B is written to one and 1/3 otherwise.
• Bit 3 – Res: Reserved Bit
This bit is reserved and will always read as zero.
• Bits 2:0 – LCDPM2:0: LCD Port Mask
The LCDPM2:0 bits determine the number of port pins to be used as segment drivers. The dif-
ferent selections are shown in Table 23-3. Unused pins can be used as ordinary port pins.
Bit
7
6
5
4
3210
(0xE5)
LCDCS
LCD2B
LCDMUX1
LCDMUX0
–
LCDPM2
LCDPM1
LCDPM0
LCDCRB
Read/Write
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0000
Table 23-2.
LCD Duty Select
LCDMUX1
LCDMUX0
Duty
Bias
COM Pin
I/O Port Pin
0
0
Static
Static
COM0
COM1:3
0
1
1/2
1/2 or 1/3(1)
COM0:1
COM2:3
10
1/3
1/2 or 1/3(1)
COM0:2
COM3
11
1/4
1/2 or 1/3(1)
COM0:3
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com