Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 243 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 243 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 239Page - ATMEL Corporation ATmega169P Datasheet HTML 240Page - ATMEL Corporation ATmega169P Datasheet HTML 241Page - ATMEL Corporation ATmega169P Datasheet HTML 242Page - ATMEL Corporation ATmega169P Datasheet HTML 243Page - ATMEL Corporation ATmega169P Datasheet HTML 244Page - ATMEL Corporation ATmega169P Datasheet HTML 245Page - ATMEL Corporation ATmega169P Datasheet HTML 246Page - ATMEL Corporation ATmega169P Datasheet HTML 247Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 393 page
background image
243
8018N–AVR–08/09
ATmega169P
In the example below we assume SEG10 and COM1 and SEG4 in COM0 are the only segments
changed from frame to frame. Data are stored in r20 and r21 for simplicity
Note:
1. See ”About Code Examples” on page 10.
23.4.3
Disabling the LCD
In some application it may be necessary to disable the LCD. This is the case if the MCU enters
Power-down mode where no clock source is present.
The LCD should be completely discharged before being disabled. No DC voltage should be left
across any segment. The best way to achieve this is to use the LCD Blanking feature that drives
all segment pins and common pins to GND.
When the LCD is disabled, port function is activated again. Therefore, the user must check that
port pins connected to a LCD terminal are either tri-state or output low (sink).
Assembly Code Example
(1)
LCD_update:
; LCD Blanking and Low power waveform are unchanged.
; Update Display memory.
sts
LCDDR0, r20
sts
LCDDR6, r21
ret
C Code Example
(1)
Void LCD_update(unsigned char data1, data2);
{
/* LCD Blanking and Low power waveform are unchanged. */
/* Update Display memory. */
LCDDR0 = data1;
LCDDR6 = data2;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com