Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 242 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 242 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 238Page - ATMEL Corporation ATmega169P Datasheet HTML 239Page - ATMEL Corporation ATmega169P Datasheet HTML 240Page - ATMEL Corporation ATmega169P Datasheet HTML 241Page - ATMEL Corporation ATmega169P Datasheet HTML 242Page - ATMEL Corporation ATmega169P Datasheet HTML 243Page - ATMEL Corporation ATmega169P Datasheet HTML 244Page - ATMEL Corporation ATmega169P Datasheet HTML 245Page - ATMEL Corporation ATmega169P Datasheet HTML 246Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 393 page
background image
242
8018N–AVR–08/09
ATmega169P
Note:
1. See ”About Code Examples” on page 10.
Before a re-initialization is done, the LCD controller/driver should be disabled
23.4.2
Updating the LCD
Display memory (LCDDR0, LCDDR1, ..), LCD Blanking (LCDBL), Low power waveform
(LCDAB) and contrast control (LCDCCR) are latched prior to every new frame. There are no
restrictions on writing these LCD Register locations, but an LCD data update may be split
between two frames if data are latched while an update is in progress. To avoid this, an interrupt
routine can be used to update Display memory, LCD Blanking, Low power waveform, and con-
trast control, just after data are latched.
Assembly Code Example
(1)
LCD_Init:
; Use 32 kHz crystal oscillator
; 1/3 Bias and 1/3 duty, SEG21:SEG24 is used as port pins
ldi
r16, (1<<LCDCS) | (1<<LCDMUX1)| (1<<LCDPM2)
sts
LCDCRB, r16
; Using 16 as prescaler selection and 7 as LCD Clock Divide
; gives a frame rate of 49 Hz
ldi
r16, (1<<LCDCD2) | (1<<LCDCD1)
sts
LCDFRR, r16
; Set segment drive time to 125
µs and output voltage to 3.3 V
ldi
r16, (1<<LCDDC1) | (1<<LCDCC3) | (1<<LCDCC2) | (1<<LCDCC1)
sts
LCDCCR, r16
; Enable LCD, default waveform and no interrupt enabled
ldi
r16, (1<<LCDEN)
sts
LCDCRA, r16
ret
C Code Example(1)
Void LCD_Init(void);
{
/* Use 32 kHz crystal oscillator */
/* 1/3 Bias and 1/3 duty, SEG21:SEG24 is used as port pins */
LCDCRB = (1<<LCDCS) | (1<<LCDMUX1)| (1<<LCDPM2);
/* Using 16 as prescaler selection and 7 as LCD Clock Divide */
/* gives a frame rate of 49 Hz */
LCDFRR = (1<<LCDCD2) | (1<<LCDCD1);
/* Set segment drive time to 125
µs and output voltage to 3.3 V*/
LCDCCR = (1<<LCDDC1) | (1<<LCDCC3) | (1<<LCDCC2) | (1<<LCDCC1);
/* Enable LCD, default waveform and no interrupt enabled */
LCDCRA = (1<<LCDEN);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com