Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 371 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 371 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 367Page - ATMEL Corporation ATmega169P Datasheet HTML 368Page - ATMEL Corporation ATmega169P Datasheet HTML 369Page - ATMEL Corporation ATmega169P Datasheet HTML 370Page - ATMEL Corporation ATmega169P Datasheet HTML 371Page - ATMEL Corporation ATmega169P Datasheet HTML 372Page - ATMEL Corporation ATmega169P Datasheet HTML 373Page - ATMEL Corporation ATmega169P Datasheet HTML 374Page - ATMEL Corporation ATmega169P Datasheet HTML 375Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 393 page
background image
371
8018N–AVR–08/09
ATmega169P
30. Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
(0xFF)
Reserved
–
–
–
–
–
–
–
–
(0xFE)
LCDDR18
–
–
–
–
–
–
–
SEG324
250
(0xFD)
LCDDR17
SEG323
SEG322
SEG321
SEG320
SEG319
SEG318
SEG317
SEG316
250
(0xFC)
LCDDR16
SEG315
SEG314
SEG313
SEG312
SEG311
SEG310
SEG309
SEG308
250
(0xFB)
LCDDR15
SEG307
SEG306
SEG305
SEG304
SEG303
SEG302
SEG301
SEG300
250
(0xFA)
Reserved
–
–
–
–
–
–
–
–
(0xF9)
LCDDR13
–
–
–
–
–
–
–
SEG224
250
(0xF8)
LCDDR12
SEG223
SEG222
SEG221
SEG220
SEG219
SEG218
SEG217
SEG216
250
(0xF7)
LCDDR11
SEG215
SEG214
SEG213
SEG212
SEG211
SEG210
SEG209
SEG208
250
(0xF6)
LCDDR10
SEG207
SEG206
SEG205
SEG204
SEG203
SEG202
SEG201
SEG200
250
(0xF5)
Reserved
–
–
–
–
–
–
–
–
(0xF4)
LCDDR8
–
–
–
–
–
–
–
SEG124
250
(0xF3)
LCDDR7
SEG123
SEG122
SEG121
SEG120
SEG119
SEG118
SEG117
SEG116
250
(0xF2)
LCDDR6
SEG115
SEG114
SEG113
SEG112
SEG111
SEG110
SEG109
SEG108
250
(0xF1)
LCDDR5
SEG107
SEG106
SEG105
SEG104
SEG103
SEG102
SEG101
SEG100
250
(0xF0)
Reserved
–
–
–
–
–
–
–
–
(0xEF)
LCDDR3
–
–
–
–
–
–
–
SEG024
250
(0xEE)
LCDDR2
SEG023
SEG022
SEG021
SEG020
SEG019
SEG018
SEG017
SEG016
250
(0xED)
LCDDR1
SEG015
SEG014
SEG013
SEG012
SEG011
SEG010
SEG09
SEG008
250
(0xEC)
LCDDR0
SEG007
SEG006
SEG005
SEG004
SEG003
SEG002
SEG001
SEG000
250
(0xEB)
Reserved
–
–
–
–
–
–
–
–
(0xEA)
Reserved
–
–
–
–
–
–
–
–
(0xE9)
Reserved
–
–
–
–
–
–
–
–
(0xE8)
Reserved
–
–
–
–
–
–
–
–
(0xE7)
LCDCCR
LCDDC2
LCDDC1
LCDDC0
LCDMDT
LCDCC3
LCDCC2
LCDCC1
LCDCC0
249
(0xE6)
LCDFRR
–
LCDPS2
LCDPS1
LCDPS0
–
LCDCD2
LCDCD1
LCDCD0
247
(0xE5)
LCDCRB
LCDCS
LCD2B
LCDMUX1
LCDMUX0
–
LCDPM2
LCDPM1
LCDPM0
246
(0xE4)
LCDCRA
LCDEN
LCDAB
–
LCDIF
LCDIE
LCDBD
LCDCCD
LCDBL
245
(0xE3)
Reserved
–
–
–
–
–
–
–
–
(0xE2)
Reserved
–
–
–
–
–
–
–
–
(0xE1)
Reserved
–
–
–
–
–
–
–
–
(0xE0)
Reserved
–
–
–
–
–
–
–
–
(0xDF)
Reserved
–
–
–
–
–
–
–
–
(0xDE)
Reserved
–
–
–
–
–
–
–
–
(0xDD)
Reserved
–
–
–
–
–
–
–
–
(0xDC)
Reserved
–
–
–
–
–
–
–
–
(0xDB)
Reserved
–
–
–
–
–
–
–
–
(0xDA)
Reserved
–
–
–
–
–
–
–
–
(0xD9)
Reserved
–
–
–
–
–
–
–
–
(0xD8)
Reserved
–
–
–
–
–
–
–
–
(0xD7)
Reserved
–
–
–
–
–
–
–
–
(0xD6)
Reserved
–
–
–
–
–
–
–
–
(0xD5)
Reserved
–
–
–
–
–
–
–
–
(0xD4)
Reserved
–
–
–
–
–
–
–
–
(0xD3)
Reserved
–
–
–
–
–
–
–
–
(0xD2)
Reserved
–
–
–
–
–
–
–
–
(0xD1)
Reserved
–
–
–
–
–
–
–
–
(0xD0)
Reserved
–
–
–
–
–
–
–
–
(0xCF)
Reserved
–
–
–
–
–
–
–
–
(0xCE)
Reserved
–
–
–
–
–
–
–
–
(0xCD)
Reserved
–
–
–
–
–
–
–
–
(0xCC)
Reserved
–
–
–
–
–
–
–
–
(0xCB)
Reserved
–
–
–
–
–
–
–
–
(0xCA)
Reserved
–
–
–
–
–
–
–
–
(0xC9)
Reserved
–
–
–
–
–
–
–
–
(0xC8)
Reserved
–
–
–
–
–
–
–
–
(0xC7)
Reserved
–
–
–
–
–
–
–
–
(0xC6)
UDR0
USART0 I/O Data Register
190
(0xC5)
UBRRH0
USART0 Baud Rate Register High
194
(0xC4)
UBRRL0
USART0 Baud Rate Register Low
194
(0xC3)
Reserved
–
–
–
–
–
–
–
–
(0xC2)
UCSR0C
–
UMSEL0
UPM01
UPM00
USBS0
UCSZ01
UCSZ00
UCPOL0
190
(0xC1)
UCSR0B
RXCIE0
TXCIE0
UDRIE0
RXEN0
TXEN0
UCSZ02
RXB80
TXB80
190
(0xC0)
UCSR0A
RXC0
TXC0
UDRE0
FE0
DOR0
UPE0
U2X0
MPCM0
190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com