Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega169P Datasheet(PDF) 373 Page - ATMEL Corporation

Part # ATmega169P
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega169P Datasheet(HTML) 373 Page - ATMEL Corporation

Back Button ATmega169P Datasheet HTML 369Page - ATMEL Corporation ATmega169P Datasheet HTML 370Page - ATMEL Corporation ATmega169P Datasheet HTML 371Page - ATMEL Corporation ATmega169P Datasheet HTML 372Page - ATMEL Corporation ATmega169P Datasheet HTML 373Page - ATMEL Corporation ATmega169P Datasheet HTML 374Page - ATMEL Corporation ATmega169P Datasheet HTML 375Page - ATMEL Corporation ATmega169P Datasheet HTML 376Page - ATMEL Corporation ATmega169P Datasheet HTML 377Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 393 page
background image
373
8018N–AVR–08/09
ATmega169P
(0x7D)
Reserved
–
–
–
–
–
–
–
–
(0x7C)
ADMUX
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
228
(0x7B)
ADCSRB
–ACME
–
–
–
ADTS2
ADTS1
ADTS0
213, 232
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
230
(0x79)
ADCH
ADC Data Register High byte
231
(0x78)
ADCL
ADC Data Register Low byte
231
(0x77)
Reserved
–
–
–
–
–
–
–
–
(0x76)
Reserved
–
–
–
–
–
–
–
–
(0x75)
Reserved
–
–
–
–
–
–
–
–
(0x74)
Reserved
–
–
–
–
–
–
–
–
(0x73)
Reserved
–
–
–
–
–
–
–
–
(0x72)
Reserved
–
–
–
–
–
–
–
–
(0x71)
Reserved
–
–
–
–
–
–
–
–
(0x70)
TIMSK2
–
–
–
–
–
–
OCIE2A
TOIE2
156
(0x6F)
TIMSK1
–
–ICIE1
–
–
OCIE1B
OCIE1A
TOIE1
133
(0x6E)
TIMSK0
–
–
–
–
–
–
OCIE0A
TOIE0
104
(0x6D)
Reserved
–
–
–
–
–
–
–
–
(0x6C)
PCMSK1
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
63
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
64
(0x6A)
Reserved
–
–
–
–
–
–
–
–
(0x69)
EICRA
–
–
–
–
–
–ISC01
ISC00
62
(0x68)
Reserved
–
–
–
–
–
–
–
–
(0x67)
Reserved
–
–
–
–
–
–
–
–
(0x66)
OSCCAL
Oscillator Calibration Register
38
(0x65)
Reserved
–
–
–
–
–
–
–
–
(0x64)
PRR
–
–
–
PRLCD
PRTIM1
PRSPI
PRUSART0
PRADC
45
(0x63)
Reserved
–
–
–
–
–
–
–
–
(0x62)
Reserved
–
–
–
–
–
–
–
–
(0x61)
CLKPR
CLKPCE
–
–
–
CLKPS3
CLKPS2
CLKPS1
CLKPS0
38
(0x60)
WDTCR
–
–
–
WDCE
WDE
WDP2
WDP1
WDP0
54
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
13
0x3E (0x5E)
SPH
–
–
–
–
–
SP10
SP9
SP8
15
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
15
0x3C (0x5C)
Reserved
0x3B (0x5B)
Reserved
0x3A (0x5A)
Reserved
0x39 (0x59)
Reserved
0x38 (0x58)
Reserved
0x37 (0x57)
SPMCSR
SPMIE
RWWSB
–
RWWSRE
BLBSET
PGWRT
PGERS
SPMEN
293
0x36 (0x56)
Reserved
–
–
–
–
–
–
–
–
0x35 (0x55)
MCUCR
JTD
–
–PUD
–
–
IVSEL
IVCE
60, 88, 278
0x34 (0x54)
MCUSR
–
–
–
JTRF
WDRF
BORF
EXTRF
PORF
278
0x33 (0x53)
SMCR
–
–
–
–
SM2
SM1
SM0
SE
45
0x32 (0x52)
Reserved
–
–
–
–
–
–
–
–
0x31 (0x51)
OCDR
IDRD/OCDR7
OCDR6
OCDR5
OCDR4
OCDR3
OCDR2
OCDR1
OCDR0
257
0x30 (0x50)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
213
0x2F (0x4F)
Reserved
–
–
–
–
–
–
–
–
0x2E (0x4E)
SPDR
SPI Data Register
167
0x2D (0x4D)
SPSR
SPIF
WCOL
–
–
–
–
–SPI2X
166
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
165
0x2B (0x4B)
GPIOR2
General Purpose I/O Register 2
29
0x2A (0x4A)
GPIOR1
General Purpose I/O Register 1
29
0x29 (0x49)
Reserved
–
–
–
–
–
–
–
–
0x28 (0x48)
Reserved
–
–
–
–
–
–
–
–
0x27 (0x47)
OCR0A
Timer/Counter0 Output Compare Register A
104
0x26 (0x46)
TCNT0
Timer/Counter0 (8 Bit)
104
0x25 (0x45)
Reserved
–
–
–
–
–
–
–
–
0x24 (0x44)
TCCR0A
FOC0A
WGM00
COM0A1
COM0A0
WGM01
CS02
CS01
CS00
102
0x23 (0x43)
GTCCR
TSM
–
–
–
–
–
PSR2
PSR10
137, 157
0x22 (0x42)
EEARH
–
–
–
–
–
–
–
EEAR8
27
0x21 (0x41)
EEARL
EEPROM Address Register Low Byte
27
0x20 (0x40)
EEDR
EEPROM Data Register
27
0x1F (0x3F)
EECR
–
–
–
–
EERIE
EEMWE
EEWE
EERE
27
0x1E (0x3E)
GPIOR0
General Purpose I/O Register 0
29
0x1D (0x3D)
EIMSK
PCIE1
PCIE0
–
–
–
–
–INT0
62
0x1C (0x3C)
EIFR
PCIF1
PCIF0
–
–
–
–
–
INTF0
63
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com