Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny10 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # ATtiny10
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny10 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button ATtiny10 Datasheet HTML 70Page - ATMEL Corporation ATtiny10 Datasheet HTML 71Page - ATMEL Corporation ATtiny10 Datasheet HTML 72Page - ATMEL Corporation ATtiny10 Datasheet HTML 73Page - ATMEL Corporation ATtiny10 Datasheet HTML 74Page - ATMEL Corporation ATtiny10 Datasheet HTML 75Page - ATMEL Corporation ATtiny10 Datasheet HTML 76Page - ATMEL Corporation ATtiny10 Datasheet HTML 77Page - ATMEL Corporation ATtiny10 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 168 page
background image
74
8127C–AVR–10/09
ATtiny4/5/9/10
When OC0A or OC0B is connected to the pin, the function of COM0x1:0 bits depends on the
WGM03:0 bits. Table 11-2 shows the COM0x1:0 bit functionality when the WGM03:0 bits are set
to a Normal or CTC (non-PWM) Mode.
Table 11-3 shows the COM0x1:0 bit functionality when the WGM03:0 bits are set to one of the
Fast PWM Modes.
Note:
1. A special case occurs when OCR0A/OCR0B equals TOP and COM0A1/COM0B1 is set. In
this case the compare match is ignored, but set or clear is done at BOTTOM. See “Fast PWM
Mode” on page 63 for more details.
Table 11-4 shows the COM0x1:0 bit functionality when the WGM03:0 bits are set to the phase
correct or the phase and frequency correct, PWM mode.
Note:
1. A special case occurs when OCR0A/OCR0B equals TOP and COM0A1/COM0B1 is set.
“Phase Correct PWM Mode” on page 65 for more details.
Table 11-2.
Compare Output in Non-PWM Modes
COM0A1/
COM0B1
COM0A0
COM0B0
Description
0
0
Normal port operation: OC0A/OC0B disconnected
1
Toggle OC0A/OC0B on compare match
1
0
Clear (set low) OC0A/OC0B on compare match
1
Set (high) OC0A/OC0B on compare match
Table 11-3.
Compare Output in Fast PWM Modes
COM0A1/
COM0B1
COM0A0/
COM0B0
Description
0
0
Normal port operation: OC0A/OC0B disconnected
1
WGM03 = 0: Normal port operation, OC0A/OC0B disconnected
WGM03 = 1: Toggle OC0A on compare match, OC0B reserved
1 (1)
0
Clear OC0A/OC0B on compare match
Set OC0A/OC0B at BOTTOM (non-inverting mode)
1
Set OC0A/OC0B on compare match
Clear OC0A/OC0B at BOTTOM (inverting mode)
Table 11-4.
Compare Output in Phase Correct and Phase & Frequency Correct PWM Modes
COM0A1/
COM0B1
COM0A0/
COM0B0
Description
0
0
Normal port operation: OC0A/OC0B disconnected.
1
WGM03 = 0: Normal port operation, OC0A/OC0B disconnected
WGM03 = 1: Toggle OC0A on compare match, OC0B reserved
1 (1)
0
Counting up: Clear OC0A/OC0B on compare match
Counting down: Set OC0A/OC0B on compare match
1
Counting up: Set OC0A/OC0B on compare match
Counting down: Clear OC0A/OC0B on compare match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com