Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny10 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATtiny10
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny10 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATtiny10 Datasheet HTML 15Page - ATMEL Corporation ATtiny10 Datasheet HTML 16Page - ATMEL Corporation ATtiny10 Datasheet HTML 17Page - ATMEL Corporation ATtiny10 Datasheet HTML 18Page - ATMEL Corporation ATtiny10 Datasheet HTML 19Page - ATMEL Corporation ATtiny10 Datasheet HTML 20Page - ATMEL Corporation ATtiny10 Datasheet HTML 21Page - ATMEL Corporation ATtiny10 Datasheet HTML 22Page - ATMEL Corporation ATtiny10 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 168 page
background image
19
8127C–AVR–10/09
ATtiny4/5/9/10
6.2.3
Internal 128 kHz Oscillator
The internal 128 kHz oscillator is a low power oscillator providing a clock of 128 kHz. The fre-
quency depends on supply voltage, temperature and batch variations. This clock may be select
as the main clock by setting the CLKMS[1:0] bits in CLKMSR to 0b01.
6.2.4
Switching Clock Source
The main clock source can be switched at run-time using the “CLKMSR – Clock Main Settings
Register” on page 21. When switching between any clock sources, the clock system ensures
that no glitch occurs in the main clock.
6.2.5
Default Clock Source
The calibrated internal 8 MHz oscillator is always selected as main clock when the device is
powered up or has been reset. The synchronous system clock is the main clock divided by 8,
controlled by the System Clock Prescaler. The Clock Prescaler Select Bits can be written later to
change the system clock frequency. See “System Clock Prescaler”.
6.3
System Clock Prescaler
The system clock is derived from the main clock via the System Clock Prescaler. The system
clock can be divided by setting the “CLKPSR – Clock Prescale Register” on page 22. The sys-
tem clock prescaler can be used to decrease power consumption at times when requirements
for processing power is low or to bring the system clock within limits of maximum frequency. The
prescaler can be used with all main clock source options, and it will affect the clock frequency of
the CPU and all synchronous peripherals.
The System Clock Prescaler can be used to implement run-time changes of the internal clock
frequency while still ensuring stable operation.
6.3.1
Switching Prescaler Setting
When switching between prescaler settings, the system clock prescaler ensures that no glitch
occurs in the system clock and that no intermediate frequency is higher than neither the clock
frequency corresponding the previous setting, nor the clock frequency corresponding to the new
setting.
The ripple counter that implements the prescaler runs at the frequency of the main clock, which
may be faster than the CPU's clock frequency. Hence, it is not possible to determine the state of
the prescaler - even if it were readable, and the exact time it takes to switch from one clock divi-
sion to another cannot be exactly predicted.
From the time the CLKPS values are written, it takes between T1 + T2 and T1 + 2*T2 before the
new clock frequency is active. In this interval, two active clock edges are produced. Here, T1 is
the previous clock period, and T2 is the period corresponding to the new prescaler setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com