Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny10 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATtiny10
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny10 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATtiny10 Datasheet HTML 1Page - ATMEL Corporation ATtiny10 Datasheet HTML 2Page - ATMEL Corporation ATtiny10 Datasheet HTML 3Page - ATMEL Corporation ATtiny10 Datasheet HTML 4Page - ATMEL Corporation ATtiny10 Datasheet HTML 5Page - ATMEL Corporation ATtiny10 Datasheet HTML 6Page - ATMEL Corporation ATtiny10 Datasheet HTML 7Page - ATMEL Corporation ATtiny10 Datasheet HTML 8Page - ATMEL Corporation ATtiny10 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 168 page
background image
4
8127C–AVR–10/09
ATtiny4/5/9/10
The ATtiny4/5/9/10 provide the following features: 512/1024 byte of In-System Programmable
Flash, 32 bytes of SRAM, four general purpose I/O lines, 16 general purpose working registers,
a 16-bit timer/counter with two PWM channels, internal and external interrupts, a programmable
watchdog timer with internal oscillator, an internal calibrated oscillator, and four software select-
able power saving modes. ATtiny5/10 are also equipped with a four-channel, 8-bit Analog to
Digital Converter (ADC).
Idle mode stops the CPU while allowing the SRAM, timer/counter, ADC (ATtiny5/10, only), ana-
log comparator, and interrupt system to continue functioning. ADC Noise Reduction mode
minimizes switching noise during ADC conversions by stopping the CPU and all I/O modules
except the ADC. In Power-down mode registers keep their contents and all chip functions are
disabled until the next interrupt or hardware reset. In Standby mode, the oscillator is running
while the rest of the device is sleeping, allowing very fast start-up combined with low power
consumption.
The device is manufactured using Atmel’s high density non-volatile memory technology. The on-
chip, in-system programmable Flash allows program memory to be re-programmed in-system by
a conventional, non-volatile memory programmer.
The ATtiny4/5/9/10 AVR are supported by a suite of program and system development tools,
including macro assemblers and evaluation kits.
2.1
Comparison of ATtiny4, ATtiny5, ATtiny9 and ATtiny10
A comparison of the devices is shown in Table 2-1.
Table 2-1.
Differences between ATtiny4, ATtiny5, ATtiny9 and ATtiny10
Device
Flash
ADC
Signature
ATtiny4
512 bytes
No
0x1E 0x8F 0x0A
ATtiny5
512 bytes
Yes
0x1E 0x8F 0x09
ATtiny9
1024 bytes
No
0x1E 0x90 0x08
ATtiny10
1024 bytes
Yes
0x1E 0x90 0x03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com