Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny10 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATtiny10
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny10 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATtiny10 Datasheet HTML 45Page - ATMEL Corporation ATtiny10 Datasheet HTML 46Page - ATMEL Corporation ATtiny10 Datasheet HTML 47Page - ATMEL Corporation ATtiny10 Datasheet HTML 48Page - ATMEL Corporation ATtiny10 Datasheet HTML 49Page - ATMEL Corporation ATtiny10 Datasheet HTML 50Page - ATMEL Corporation ATtiny10 Datasheet HTML 51Page - ATMEL Corporation ATtiny10 Datasheet HTML 52Page - ATMEL Corporation ATtiny10 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 168 page
background image
49
8127C–AVR–10/09
ATtiny4/5/9/10
• OC0B: Output Compare Match output: The PB1 pin can serve as an external output for the
Timer/Counter0 Compare Match B. The PB1 pin has to be configured as an output (DDB1
set (one)) to serve this function. The OC0B pin is also the output pin for the PWM mode timer
function.
• PCINT1: Pin Change Interrupt source 1. The PB1 pin can serve as an external interrupt
source for pin change interrupt 0.
• TPICLK: Serial Programming Clock.
• Port B, Bit 2 – ADC2/CLKO/INT0/PCINT2/T0
• ADC2: Analog to Digital Converter, Channel 2 (ATtiny5/10, only)
• CLKO: System Clock Output. The system clock can be output on pin PB2. The system clock
will be output if CKOUT bit is programmed, regardless of the PORTB2 and DDB2 settings.
• INT0: External Interrupt Request 0
• PCINT2: Pin Change Interrupt source 2. The PB2 pin can serve as an external interrupt
source for pin change interrupt 0.
• T0: Timer/Counter0 counter source.
• Port B, Bit 3 – ADC3/PCINT3/RESET
• ADC3: Analog to Digital Converter, Channel 3 (ATtiny5/10, only)
• PCINT3: Pin Change Interrupt source 3. The PB3 pin can serve as an external interrupt
source for pin change interrupt 0.
• RESET:
Table 10-4 and Table 10-5 on page 50 relate the alternate functions of Port B to the overriding
signals shown in Figure 10-6 on page 46.
Table 10-4.
Overriding Signals for Alternate Functions in PB3..PB2
Notes: 1. RSTDISBL is 1 when the configuration bit is “0” (Programmed).
2. CKOUT is 1 when the configuration bit is “0” (Programmed).
Signal
Name
PB3/ADC3/RESET/PCINT3
PB2/ADC2/INT0/T0/CLKO/PCINT2
PUOE
RSTDISBL(1)
CKOUT(2)
PUOV
1
0
DDOE
RSTDISBL(1)
CKOUT(2)
DDOV
0
1
PVOE
0
CKOUT(2)
PVOV
0
(system clock)
PTOE
0
0
DIEOE
RSTDISBL(1) + (PCINT3 • PCIE0) +
ADC3D
(PCINT2 • PCIE0) + ADC2D + INT0
DIEOV
RSTDISBL • PCINT3 • PCIE0
(PCINT2 • PCIE0) + INT0
DI
PCINT3 Input
INT0/T0/PCINT2 Input
AIO
ADC3 Input
ADC2 Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com