Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny10 Datasheet(PDF) 100 Page - ATMEL Corporation

Part # ATtiny10
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny10 Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button ATtiny10 Datasheet HTML 96Page - ATMEL Corporation ATtiny10 Datasheet HTML 97Page - ATMEL Corporation ATtiny10 Datasheet HTML 98Page - ATMEL Corporation ATtiny10 Datasheet HTML 99Page - ATMEL Corporation ATtiny10 Datasheet HTML 100Page - ATMEL Corporation ATtiny10 Datasheet HTML 101Page - ATMEL Corporation ATtiny10 Datasheet HTML 102Page - ATMEL Corporation ATtiny10 Datasheet HTML 103Page - ATMEL Corporation ATtiny10 Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 168 page
background image
100
8127C–AVR–10/09
ATtiny4/5/9/10
14.3.9
Collision Detection Exception
The TPI physical layer uses one bi-directional data line for both data reception and transmission.
A possible drive contention may occur, if the external programmer and the TPI physical layer
drive the TPIDATA line simultaneously. In order to reduce the effect of the drive contention, a
collision detection mechanism is supported. The collision detection is based on the way the TPI
physical layer drives the TPIDATA line.
The TPIDATA line is driven by a tri-state, push-pull driver with internal pull-up. The output driver
is always enabled when a logical zero is sent. When sending successive logical ones, the output
is only driven actively during the first clock cycle. After this, the output driver is automatically tri-
stated and the TPIDATA line is kept high by the internal pull-up. The output is re-enabled, when
the next logical zero is sent.
The collision detection is enabled in transmit mode, when the output driver has been disabled.
The data line should now be kept high by the internal pull-up and it is monitored to see, if it is
driven low by the external programmer. If the output is read low, a collision has been detected.
There are some potential pit-falls related to the way collision detection is performed. For exam-
ple, collisions cannot be detected when the TPI physical layer transmits a bit-stream of
successive logical zeros, or bit-stream of alternating logical ones and zeros. This is because the
output driver is active all the time, preventing polling of the TPIDATA line. However, within a sin-
gle frame the two stop bits should always be transmitted as logical ones, enabling collision
detection at least once per frame (as long as the frame format is not violated regarding the stop
bits).
The TPI physical layer will cease transmission when it detects a collision on the TPIDATA line.
The collision is signalized to the TPI access layer, which immediately changes the physical layer
to receive mode and goes to the error state. The TPI access layer can be recovered from the
error state only by sending a BREAK character.
14.3.10
Direction Change
In order to ensure correct timing of the half-duplex operation, a simple guard time mechanism
has been added to the physical layer. When the TPI physical layer changes from receive to
transmit mode, a configurable number of additional IDLE bits are inserted before the start bit is
transmitted. The minimum transition time between receive and transmit mode is two IDLE bits.
The total IDLE time is the specified guard time plus two IDLE bits.
The guard time is configured by dedicated bits in the TPIPCR register. The default guard time
value after the physical layer is initialized is 128 bits.
The external programmer looses control of the TPIDATA line when the TPI target changes from
receive mode to transmit. The guard time feature relaxes this critical phase of the communica-
tion. When the external programmer changes from receive mode to transmit, a minimum of one
IDLE bit should be inserted before the start bit is transmitted.
14.4 Access Layer of Tiny Programming Interface
The TPI access layer is responsible for handling the communication with the external program-
mer. The communication is based on message format, where each message comprises an
instruction followed by one or more byte-sized operands. The instruction is always sent by the
external programmer but operands are sent either by the external programmer or by the TPI
access layer, depending on the type of instruction issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com