Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny10 Datasheet(PDF) 121 Page - ATMEL Corporation

Part # ATtiny10
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny10 Datasheet(HTML) 121 Page - ATMEL Corporation

Back Button ATtiny10 Datasheet HTML 117Page - ATMEL Corporation ATtiny10 Datasheet HTML 118Page - ATMEL Corporation ATtiny10 Datasheet HTML 119Page - ATMEL Corporation ATtiny10 Datasheet HTML 120Page - ATMEL Corporation ATtiny10 Datasheet HTML 121Page - ATMEL Corporation ATtiny10 Datasheet HTML 122Page - ATMEL Corporation ATtiny10 Datasheet HTML 123Page - ATMEL Corporation ATtiny10 Datasheet HTML 124Page - ATMEL Corporation ATtiny10 Datasheet HTML 125Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 168 page
background image
121
8127C–AVR–10/09
ATtiny4/5/9/10
16.8 Serial Programming Characteristics
Figure 16-3. Serial Programming Timing
Table 16-9.
Serial Programming Characteristics, TA = -40°C to 85°C, VCC = 5V (Unless Other-
wise Noted)
Symbol
Parameter
Min
Typ
Max
Units
1/tCLCL
Clock Frequency
2
MHz
tCLCL
Clock Period
500
ns
tCLCH
Clock Low Pulse Width
200
ns
tCHCH
Clock High Pulse Width
200
ns
tIVCH
Data Input to Clock High Setup Time
50
ns
tCHIX
Data Input Hold Time After Clock High
100
ns
tCLOV
Data Output Valid After Clock Low Time
200
ns
tCHIX
TPIDATA
tIVCH
tCHCL
tCLCH
tCLCL
TPICLK
tCLOV
Transmit Mode
Receive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com